Electronic Components Datasheet Search
  English  ▼

X  

CM220L Datasheet(PDF) 4 Page - C-Media Electronics

Part # CM220L
Description  Updateable USB2.0 Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220L Datasheet(HTML) 4 Page - C-Media Electronics

  CM220L Datasheet HTML 1Page - C-Media Electronics CM220L Datasheet HTML 2Page - C-Media Electronics CM220L Datasheet HTML 3Page - C-Media Electronics CM220L Datasheet HTML 4Page - C-Media Electronics CM220L Datasheet HTML 5Page - C-Media Electronics CM220L Datasheet HTML 6Page - C-Media Electronics CM220L Datasheet HTML 7Page - C-Media Electronics CM220L Datasheet HTML 8Page - C-Media Electronics CM220L Datasheet HTML 9Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 4 -
Features
USB 2.0 High-Speed operation, USB1.1 Full/Low-Speed backward compatible
Compliant with USB Mass Storage Device Class specifications
Driver updates provided transparently via Microsoft’s Windows Update service
USB bus power and self power capability
Single chip with integrated USB2.0 PHY
Supports 24in-1 (12 specs + 6 small-size + 6 ROM-Type) card reader systems.
Flash media card specifications supported:
‐
CompactFlash (Ver2.1) / Microdrive
‐
Smart Media Card
‐
xD-Picture Card (Ver 1.1, 1.2)
‐
MultiMediaCard / MultiMediaCardplus (Ver4.1, 1/4/8 bit mode)
‐
SD Card / High Speed SD Card (SD ver 1.1)
‐
MemoryStick / High Speed MemoryStick / Memory Stick Pro / High Speed
MemoryStick Pro
Also support 6 small-size flash cards
‐
miniSD / T-Flash Card/MemoryStick Duo / MemoryStick-Pro Duo
‐
RS-MMC / MMCmobile (Ver4.1, 1/4/8 bit mode)
In addition, 6 ROM-Type flash cards are also supported
‐
MMC ROM, MMCplus ROM, MMCmobile ROM
‐
MemoryStick ROM, MemoryStick Pro ROM
‐
SD ROM
SPI interface for external MCU
EEPROM Serial Interface for customized VID/PID via USB interface
Support 1~5 LED displays to indicate operation status
“Designed for Windows” logo certified driver with Windows Update option.
USB IF logo qualified
xD-Picture certified
MS-logo certified
CM220L (QFP 100) or CM220F (LQFP 128) are both available
Small footprint for CM220S (LQFP 48) which can be used in notebook or size-sensitive
systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com