Electronic Components Datasheet Search
  English  ▼

X  

CM220L Datasheet(PDF) 11 Page - C-Media Electronics

Part # CM220L
Description  Updateable USB2.0 Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM220L Datasheet(HTML) 11 Page - C-Media Electronics

Back Button CM220L Datasheet HTML 7Page - C-Media Electronics CM220L Datasheet HTML 8Page - C-Media Electronics CM220L Datasheet HTML 9Page - C-Media Electronics CM220L Datasheet HTML 10Page - C-Media Electronics CM220L Datasheet HTML 11Page - C-Media Electronics CM220L Datasheet HTML 12Page - C-Media Electronics CM220L Datasheet HTML 13Page - C-Media Electronics CM220L Datasheet HTML 14Page - C-Media Electronics CM220L Datasheet HTML 15Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CM220
Updateable USB2.0 Card Reader Controller
Date: 8/2/2005
Version:
1.4
- 11 -
5.ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
SYMBOL
PARAMETER
RATING
UNITS
VCC
Power Supply
-0.3 to VCC+0.3
V
Input Voltage of 3.3V I/O
-0.3 to VCC3I+0.3
V
VIN3
Input Voltage of 3.3V I/O with 5V
Tolerance
-0.3 to 5.5
V
TSTG
Storage Temperature
-40 to 150
℃
Recommended Operating Conditions
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VCCK
Core Power Supply
2.25
2.5
2.75
V
VCC3V
Power Supply 3.3V I/O
3.0
3.3
3.6
V
VIN
Input Voltage of 3.3V I/O with 5V
Tolerance
0
3.3
5.25
V
Tj
Commercial Junction Operating
Temperature
0
115
℃
DC Characteristcs of 3.3V I/O cells
SYMBOL
PARAMETER
CONDITIONS
MIN TYP MAX UNITS
V25
Regulator output voltage
VCC=3.3V
2.2
2.5
2.7
V
V25Iload
Regulator driving current
VCC=3.3V
150
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
LVTTL
2.0
V
Vt-
Schmitt Trigger Negative Going
Threshold Voltage
0.8
1.1
V
Vt+
Schmitt Trigger Positive Going
Threshold Voltage
LVTTL
1.6
2.0
V
VOL
Output Low Voltage
I
∣ OL
=2 ~ 16mA
∣
0.4
V
VOH
Output High Voltage
I
∣ OH
=2 ~ 16mA
∣
2.4
V
Rpu
Input Pull-Up Resistance
PU=high,PD=low
40
75
190
KΩ
Rpd
Input Pull-Down Resistance
PU=low,PD=high
40
75
190
KΩ
IIL
Input Leakage Current
Vin=VCC3I or 0
-10
±1
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com