Electronic Components Datasheet Search
  English  ▼

X  

DA9053 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 36Page - Renesas Technology Corp DA9053 Datasheet HTML 37Page - Renesas Technology Corp DA9053 Datasheet HTML 38Page - Renesas Technology Corp DA9053 Datasheet HTML 39Page - Renesas Technology Corp DA9053 Datasheet HTML 40Page - Renesas Technology Corp DA9053 Datasheet HTML 41Page - Renesas Technology Corp DA9053 Datasheet HTML 42Page - Renesas Technology Corp DA9053 Datasheet HTML 43Page - Renesas Technology Corp DA9053 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
40 of 183
© 2016 Dialog Semiconductor
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
On resistance nMOS
RnMOS
incl. pin and routing
0.3
Ω
PFM mode
Typical mode switching
current
50
mA
Output current
IOUT
90
mA
Current limit
ILIM
-20 %
200
+30 %
mA
Quiescent current in
PFM mode
IQPFM
IOUT = 0
25
45
µA
Frequency of operation
0
5
MHz
Efficiency
η
IOUT = 10 mA to
90 mA
VDD < 4.2 V
80
%
Mode transition time
16
18
µs
VMEM_SW switch
RON
VBMEM=1.8 V
Vdrop=200 mV
0.65
Ω
VMEM_SW switch
Turn on time
VBMEM=1.8 V
Cload=10 µF max
200
400
µs
VMEM_SW switch
Rpull-down
VBMEM=1.8 V
Vout=100 mV
200
Ω
Note 1
Must be in the range of VDDOUT +/- 0.3 V.
Note 2
Programmable in 25 mV increments with micro voltage ramp step size of 6.25 mV/us while slewing.
Note 3
Minimum tolerance is +/-35 mV.
Note 4
BUCKMEM requires > 1 V between VDD and VBMEM. This ratio depends on LDCR and routing
impedances.
Note 5
Quiescent current measurement in open loop synchronous mode. In closed loop configuration,
switching losses at Iload = 0 will also increase IQON.
5.13.4
BUCKPERI
Table 29: BUCKPERI Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input voltage
VDD
2.8
Note 1
5.0
Note 1
V
Output capacitor
COUT
-30 %
20
+30 %
µF
Output capacitor ESR
f > 100 kHz
all caps + track
impedance
25
50
m
Ω
Inductor value
LBUCK
-30 %
2.2
+30 %
µH
Inductor resistance
LDCR
100
150
m
Ω
Output voltage
VBPERI
0.95
Note 2
2.525
V
Output voltage accuracy
incl. static line / load
-3
Note 3
+3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com