Electronic Components Datasheet Search
  English  ▼

X  

DA9053 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 61Page - Renesas Technology Corp DA9053 Datasheet HTML 62Page - Renesas Technology Corp DA9053 Datasheet HTML 63Page - Renesas Technology Corp DA9053 Datasheet HTML 64Page - Renesas Technology Corp DA9053 Datasheet HTML 65Page - Renesas Technology Corp DA9053 Datasheet HTML 66Page - Renesas Technology Corp DA9053 Datasheet HTML 67Page - Renesas Technology Corp DA9053 Datasheet HTML 68Page - Renesas Technology Corp DA9053 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
65 of 183
© 2016 Dialog Semiconductor
NOTE
Reading the same register at high clock rates directly after writing it does not guarantee a correct value. It is
recommended to keep a delay of one frame until re-accessing a register that has just been written (for example
by writing/reading another register address in between).
10.3 2-Wire Communication
The power manager interface can be configured for a 2-wire serial data exchange. It has a
configurable SLAVE write address (default: 0x90) and a configurable SLAVE read address (default:
0x91).
SK provides the 2-wire clock and SO carries all the power manager bidirectional 2-wire data. The 2-
wire interface is open-drain supporting multiple devices on a single line. The bus lines have to be
pulled HIGH by external pull-up resistors (2 k
Ω to 20 kΩ range). The attached devices only drive the
bus lines LOW by connecting them to ground. As a result two devices cannot conflict, if they drive the
bus simultaneously. In standard/fast mode the highest frequency of the bus is 400 kHz. The exact
frequency can be determined by the application and does not have any relation to the DA9053
internal clock signals. DA9053 will follow the host clock speed within the described limitations and
does not initiate any clock arbitration or slow down.
In high speed mode the maximum frequency of the bus may be increased towards 1.7 MHz. This
mode is supported if the SK line is driven with a push-pull stage from the host and if the host enables
an external 3 mA pull-up at the SO pin to decrease the rise time of the data. In this mode the SO line
on DA9053 is able to sink up to 12 mA. In all other respects the high speed mode behaves as the
standard/fast mode.
Communication on the 2-wire bus always takes place between two devices, one acting as the master
and the other as the slave. The DA9053 will only operate as a slave. As opposed to the 4-wire mode
the 2-wire interface has direct (linear) access to the whole DA9053 register space (except R0 and
R128). This is achieved by using the MSB of the 2-wire 8-bit register address as a selector of the
register page (this does not modify the page control register R0/R128 that is accessible only in 4-wire
mode).
10.3.1
Details of the 2-Wire Control Bus Protocol
All data is transmitted across the 2-wire bus in groups of 8 bits. To send a bit the SO line is driven
towards the independent state while the SK is LOW (a low on SO indicates a zero bit). Once the SO
has settled the SK line is brought HIGH and then LOW. This pulse on SK clocks the SO bit into the
receiver
’s shift register.
A two byte serial protocol is used containing one byte for address and one byte data. Data and
address transfer is MSB transmitted first for both read and write operations. All transmission begins
with the START condition from the master during the bus is in IDLE state (the bus is free). It is
initiated by a high to low transition on the SO line while the SK is in the high state (a STOP condition
is indicated by a low to high transition on the SO line while the SK is in the high state).
Figure 34: Timing of 2-Wire START and STOP Condition
The 2-wire bus will be monitored by DA9053 for a valid SLAVE address whenever the interface is
enabled. It responds immediately when it receives its own slave address. This acknowledge is done
by pulling the SO line low during the following clock cycle (white blocks marked with an
‘A’ in Figure
12 to Figure 16).
SK/
SLK
SO/
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com