Electronic Components Datasheet Search
  English  ▼

X  

DA9053 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 11Page - Renesas Technology Corp DA9053 Datasheet HTML 12Page - Renesas Technology Corp DA9053 Datasheet HTML 13Page - Renesas Technology Corp DA9053 Datasheet HTML 14Page - Renesas Technology Corp DA9053 Datasheet HTML 15Page - Renesas Technology Corp DA9053 Datasheet HTML 16Page - Renesas Technology Corp DA9053 Datasheet HTML 17Page - Renesas Technology Corp DA9053 Datasheet HTML 18Page - Renesas Technology Corp DA9053 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
15 of 183
© 2016 Dialog Semiconductor
Pad
Pad Name
Type
Description
Voltage Regulators
D1
VLDO1
AO
Output voltage from LDO1
E2
VDD_LDO1
PS
Supply voltage for LDO1
F2
VLDO2
AO
Output voltage from LDO2
E1
VDD_LDO2
PS
Supply voltage for LDO2
J1
VLDO3
AO
Output voltage from LDO3
H1
VLDO4
AO
Output voltage from LDO4
J2
VDD_LDO3_4
PS
Supply voltage for LDO3 and LDO4
F1
VLDO5
AO
Output voltage from LDO5
G2
VDD_LDO5
PS
Supply voltage for LDO5
G1
VLDO6
AO
Output voltage from LDO6
H2
VDD_LDO6
PS
Supply voltage for LDO6
K1
VLDO7
AO
Output voltage from LDO7
L1
VLDO8
AO
Output voltage from LDO8
K2
VDD_LDO7_8
PS
Supply voltage for LDO7 and LDO8
M1
VLDO9
AO
Output voltage from LDO9
N2
VLDO10
AO
Output voltage from LDO10
M3
VDD_LDO9_10
PS
Supply voltage for LDO9 and LDO10
D2
VDDCORE
AO
Supply for internal circuitry
C2
VDD_REF
AO
Switched supply from VBAT, VBUS or VBACKUP
DC/DC Buck Converters
F12
VBUCKCORE
AI
Sense node for DVC DC/DC BUCKCORE
F-G13
SWBUCKCORE
AO
Switching node for BUCKCORE
M12
VBUCKPRO
AI
Sense node for DVC DC/DC BUCKPRO
H13
SWBUCKPRO
AO
Switching node for BUCKPRO
C12
VBUCKMEM
AI
Sense node for DVC DC/DC BUCKMEM and input for
power switch (sequencer controlled)
B12
VMEM_SW
PS
Power switch output from BUCKMEM
M13
SWBUCKMEM
AO
Switching node for BUCKMEM
E12
VBUCKPERI
AI
Sense node for DC/DC BUCKPERI and input for power
switch (sequencer controlled)
D12
VPERI_SW
PS
Power switch output from BUCKPERI
L13
SWBUCKPERI
AO
Switching node for BUCKPERI
D-E13
VDDBUCK_CORE
PS
Supply voltage for BUCKCORE
J-K13
VDDBUCK_PER_PRO
PS
Supply voltage for BUCKPERI and BUCKPRO To be
connected to VDDOUT
N13
VDDBUCK_MEM
PS
Supply voltage for BUCKMEM
To be connected to VDDOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com