Electronic Components Datasheet Search
  English  ▼

X  

DA9053 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA9053 Datasheet HTML 45Page - Renesas Technology Corp DA9053 Datasheet HTML 46Page - Renesas Technology Corp DA9053 Datasheet HTML 47Page - Renesas Technology Corp DA9053 Datasheet HTML 48Page - Renesas Technology Corp DA9053 Datasheet HTML 49Page - Renesas Technology Corp DA9053 Datasheet HTML 50Page - Renesas Technology Corp DA9053 Datasheet HTML 51Page - Renesas Technology Corp DA9053 Datasheet HTML 52Page - Renesas Technology Corp DA9053 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
49 of 183
© 2016 Dialog Semiconductor
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Acquisition time
10
12
14
µs
Input capacitance
CINT
Total input capacitance
10.5
pF
VDDOUT voltage range
Channel 0
VDDOUT - VDDCORE
Gain of 1.25
ADC = [(VDDOUT-2.5 V)*0.5]
*1023
2.5
4.5
V
ICH current
measurement using an
internal current mirror
device.
Channel 1, used for
dynamic safety timer
and EOC detection
Equivalent to 3.9 mA/bit
0
1000
mA
TBAT voltage range
Channel 2
Voltage across a NTC
resistor in the battery pack,
50 µA biasing
0
VDDCORE
V
VBAT voltage range
Channel 3
VBAT - VDDCORE
Gain of 1.25
ADC = [(VBAT - 2.5 V)*0.5] *
1023
2.5
4.5
V
ADCIN4
– 6 voltage
range
Channel 4
– 6
ADC = [VIN/2.5 V] * 1023
0
2.5
V
VBBAT voltage range
Channel 9
Gain of 0.5
ADC = [(VBBAT/2.5 V)*0.5] *
1023
0
5.0
V
ADCIN4 current source
Channel 4
If enabled
15
µA
ADCIN5 comparator
threshold
Channel 5
Disabled during ADCIN5
conversion
1.2
V
RON, TSI X-Y switches
5
Ω
MUX cross talk isolation
60
dB
Note 1
TSIREF voltage range.
Note 2
RSOURCE is the impedance of the external source the ADC is sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com