Electronic Components Datasheet Search
  English  ▼

X  

DA9053 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DA9053
Description  Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9053 Datasheet(HTML) 1 Page - Renesas Technology Corp

  DA9053 Datasheet HTML 1Page - Renesas Technology Corp DA9053 Datasheet HTML 2Page - Renesas Technology Corp DA9053 Datasheet HTML 3Page - Renesas Technology Corp DA9053 Datasheet HTML 4Page - Renesas Technology Corp DA9053 Datasheet HTML 5Page - Renesas Technology Corp DA9053 Datasheet HTML 6Page - Renesas Technology Corp DA9053 Datasheet HTML 7Page - Renesas Technology Corp DA9053 Datasheet HTML 8Page - Renesas Technology Corp DA9053 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 185 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
1 of 183
© 2016 Dialog Semiconductor
General Description
The DA9053 is a quad buck 1 A per channel PMIC subsystem with supply domain flexibility to
support a wide range of application processors, associated peripherals and user interface functions.
Combining a dual input switched-mode USB compatible charger, full power path management, four
bucks, ten linear regulators and support for multiple sleep modes: the DA9053 offers an energy-
optimized solution suitable for portable handheld, wireless, industrial and infotainment applications.
The high-efficiency Li-lon/Polymer switching charger supports precise current/voltage charging as
well as pre-charge and USB modes without processor interaction. During charging, the die
temperature is thermally regulated enabling high-capacity batteries to be rapidly charged at currents
up to 1.8 A with minimum thermal impact. USB suspend mode operation is supported and, for
robustness, the power inputs are protected against over-voltage conditions.
The autonomous power-path controller seamlessly detects and manages energy flow between an AC
adaptor, USB cable, and battery while maintaining USB power specification compliance. The
internally-generated system power rail supports power scenarios such as instant-on with a fully
discharged battery. A reverse-protected backup battery charger is also integrated into the powerpath
function.
Controlled by a programmable digital power manager, the 14 user-programmable switched/linear
regulators can be configured to meet the start-up sequence, voltage, and timing requirements for
most applications. The power manager includes supply-rail qualification and system reset
management. For optimal processor energy-per-task performance, Dynamic Voltage Scaling (DVS)
is available on up to five supply domains. Dialog’s patented SmartMirror™ dynamic biasing is
implemented on all linear regulators.
An integrated 10-channel general purpose ADC includes support for a touch screen controller with
pen down detect, programmable high and low thresholds, an integrated current source for resistive
measurements, and system voltage monitoring with a programmable low-voltage warning. The ADC
has 8-bit resolution in auto-mode and 10-bit resolution in manual conversion mode.
Key Features
■ Switched DC/USB charger with power path
management
■ Four buck converters (three have DVS) 0.5 V
to 2.5 V up to 2 A
■ Ten programmable LDO’s, High PSRR, 1 %
accuracy
■ Low-power backup charger, 1.1 V to 3.1 V, up
to 6 mA
■ 32 kHz real time clock (RTC) with alarm wake-
up
■ Ten channel general purpose ADC with touch
screen interface
■ High-voltage white LED driver boost, three
strings
■ Sixteen flexible GPIO pins for enhanced
wakeup and peripheral control
■ 2-wire and 4-wire control, 2-wire and 4-wire
control interfaces
■ System watchdog function
■ -40 °C to +125 °C junction temperature
operation
■ 7x7x1 mm 0.5 mm pitch and 11x11x1 mm
0.8 mm pitch VFBGA package options
■ AEC Q100 Grade 3 option
Typical Applications
■ Mobile internet devices and tablet PCs
■ IoT devices
■ Personal navigation devices
■ Consumer and in-vehicle infotainment devices


Similar Part No. - DA9053

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9053 DIALOG-DA9053 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9053-XXC51 DIALOG-DA9053-XXC51 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9053-XXC52 DIALOG-DA9053-XXC52 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9053-XXHA1 DIALOG-DA9053-XXHA1 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9053-XXHA1-A DIALOG-DA9053-XXHA1-A Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
More results

Similar Description - DA9053

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089 Datasheet
393Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
USB Power Manager with High Voltage Switching Charger
logo
Dialog Semiconductor
DA9053 DIALOG-DA9053 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9052 DIALOG-DA9052 Datasheet
1Mb / 3P
Flexible system PMIC with high-efficiency USB power manager
DA9021 DIALOG-DA9021 Datasheet
2Mb / 142P
System PMIC with high efficiency USB power manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com