Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA7280
Description  Wideband LRA/ERM Haptic Driver for Automotive Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA7280 Datasheet HTML 35Page - Renesas Technology Corp DA7280 Datasheet HTML 36Page - Renesas Technology Corp DA7280 Datasheet HTML 37Page - Renesas Technology Corp DA7280 Datasheet HTML 38Page - Renesas Technology Corp DA7280 Datasheet HTML 39Page - Renesas Technology Corp DA7280 Datasheet HTML 40Page - Renesas Technology Corp DA7280 Datasheet HTML 41Page - Renesas Technology Corp DA7280 Datasheet HTML 42Page - Renesas Technology Corp DA7280 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
DA7280-Automotive
Wideband LRA/ERM Haptic Driver for Automotive
Applications
Datasheet
Revision 1.4
01-Mar-2022
CFR0011-120-00
39 of 79
© 2022 Renesas Electronics
The timing of the sequence can be described as follows in Figure 20 where Amplitude X denotes
consecutive different output drive values:
Time [s]
OUTP
OUTN
POLARITY
0
0
1
1
OVERRIDE_VAL
0
3
1
4
I2C Update
1
3
2
4
2
Amplitude
0
Amplitude
3
Amplitude
1
Amplitude
2
Figure 20: Polarity Timing Relationship
5.7.9
Loop Filter Configuration
Haptic actuators (both ERM and LRA) can be modelled as a series combination of a resistor (Series
R) and inductor (Series L) followed by a BEMF voltage source, see Figure 21.
RSERIES
LSERIES
BEMF
O
Figure 21: Equivalent Electrical Model of an Actuator
The usual variation of RSERIES is from 8
Ω to 50 Ω and LSERIES is from 20 µH to either 2 mH or 3 mH.
The current regulation loop in the output drive must be kept stable by applying the correct setting in
the loop's filter. While the defaults cover the vast majority of available LRAs and ERMs further tuning
is possible by adjusting LOOP_FILT_CAP_TRIM, LOOP_FILT_RES_TRIM, and
LOOP_FILT_LOW_BW.
For LOOP_FILT_CAP_TRIM apply the settings in Table 14.
Table 14: LOOP_FILT_CAP_TRIM Register Trim Settings
Actuator
Series Resistance (Ω)
Register
< 18
18 to 28
28 to 41
> 41
LOOP_FILT_CAP_TRIM
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com