Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # DA7280
Description  Wideband LRA/ERM Haptic Driver for Automotive Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button DA7280 Datasheet HTML 67Page - Renesas Technology Corp DA7280 Datasheet HTML 68Page - Renesas Technology Corp DA7280 Datasheet HTML 69Page - Renesas Technology Corp DA7280 Datasheet HTML 70Page - Renesas Technology Corp DA7280 Datasheet HTML 71Page - Renesas Technology Corp DA7280 Datasheet HTML 72Page - Renesas Technology Corp DA7280 Datasheet HTML 73Page - Renesas Technology Corp DA7280 Datasheet HTML 74Page - Renesas Technology Corp DA7280 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
DA7280-Automotive
Wideband LRA/ERM Haptic Driver for Automotive
Applications
Datasheet
Revision 1.4
01-Mar-2022
CFR0011-120-00
71 of 79
© 2022 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
[0]
RW
V2I_FACTOR_OFF
SET_EN
Apply a 50 mV offset to the V2I factor calculation
0x0 = No offset applied
0x1 = 50 mV offset applied
0x1
Table 71: IRQ_EVENT_ACTUATOR_FAULT (0x0081)
Bit
Mode
Symbol
Description
Reset
[2]
RO
ADC_SAT_FAULT
ADC produced saturated result, which is not expected to
happen (write 1 to E_ACTUATOR to clear)
0x0
Table 72: IRQ_STATUS2 (0x0082)
Bit
Mode
Symbol
Description
Reset
[7]
RO
STA_ADC_SAT
Status of ADC saturation fault: ADC_SAT_FAULT
0x0
Table 73: IRQ_MASK2 (0x0083)
Bit
Mode
Symbol
Description
Reset
[7]
RW
ADC_SAT_M
Masking for ADC saturation fault: ADC_SAT_FAULT
0x0
Register SNP_MEM_xx
Table 74 shows the first, intermediary, and last snippet memory registers.
● The snippet register addresses increment by 1 for each snippet.
● The Bit ([7:0]), Mode (RW), and Reset (0x0) are identical for each snippet register.
● For further details on the Waveform Memory, see Section 5.8.
Table 74: SNP_MEM_xx (0x0084 to 0x00E7)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
SNP_MEM_00
Snippet memory byte 0
0x0
[7:0]
RW
SNP_MEM_xx
Snippet memory byte x
0x0
[7:0]
RW
SNP_MEM_99
Snippet memory byte 99
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com