Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA7280
Description  Wideband LRA/ERM Haptic Driver for Automotive Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA7280 Datasheet HTML 11Page - Renesas Technology Corp DA7280 Datasheet HTML 12Page - Renesas Technology Corp DA7280 Datasheet HTML 13Page - Renesas Technology Corp DA7280 Datasheet HTML 14Page - Renesas Technology Corp DA7280 Datasheet HTML 15Page - Renesas Technology Corp DA7280 Datasheet HTML 16Page - Renesas Technology Corp DA7280 Datasheet HTML 17Page - Renesas Technology Corp DA7280 Datasheet HTML 18Page - Renesas Technology Corp DA7280 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
DA7280-Automotive
Wideband LRA/ERM Haptic Driver for Automotive
Applications
Datasheet
Revision 1.4
01-Mar-2022
CFR0011-120-00
15 of 79
© 2022 Renesas Electronics
5
Functional Description
DA7280-A is a haptic driver capable of driving both LRA and ERM actuators. The power-optimized
architecture and advanced closed-loop digital algorithms achieve a very high-fidelity haptic drive. It
features frequency control within an onboard Waveform Memory and three distinct GPI inputs, for
triggering up to six distinct sequences. This helps with emulating button pressing in many
applications including gaming, mobile, and wearable devices.
The device controls the level of drive across the load and senses the movement of the actuator. The
driven waveform is generated by a current regulated loop using a high-frequency PWM modulation.
The differential output drive features a switching regulator architecture with H-bridge differential drive
across the load at a frequency of 187.5 kHz. The drive level is based on the sequence from the data
source selected by I2C interface, input PWM signal, or Waveform Memory.
DA7280-A is capable of closed-loop actuator monitoring while driving to enable calibration-free
playback, frequency tracking (LRA only), Active Acceleration, Rapid Stop, and actuator diagnostics.
Continuous resonant frequency tracking can be enabled while driving an LRA to track the mechanical
resonance of the actuator through closed-loop control. This maximizes electrical to mechanical
energy conversion efficiency for narrowband actuators and is especially useful in applications such
as operating system notifications and alarms.
Resonant frequency tracking can be disabled to operate DA7280-A in open-loop wideband frequency
operation while driving LRAs with a wider bandwidth frequency response.
Active Acceleration and Rapid Stop features enable automated driving of both ERM and LRA loads
(when frequency tracking is enabled). This reduces the time to reach the target acceleration level
and the time for the actuator to come to a complete stop.
5.1
Features Description
5.1.1
Driving LRA and ERM Actuators
DA7280-A can drive both ERMs and LRAs depending on the register configuration, see Section
5.6.2.
5.1.2
Automatic LRA Resonant Frequency Tracking
LRA resonant frequency shifts over time due to changing operating conditions, such as temperature
or position, and manufacturing spread. LRAs are high-Q systems; if driven at a fixed frequency, the
consequences are loss of electrical to mechanical energy conversion efficiency, weaker than nominal
actuator acceleration output, and significant part-to-part variation in the end-product haptic feel.
Figure 5 illustrates that if the drive frequency is fixed, for example at 200 Hz, frequency variation in
the resonant peak of only 10 Hz can result in a loss of 50 % of the output acceleration.
Frequency [Hz]
1
0.5
200
210
190
Typical Resonant Peak Variation
(part-to-part, across temperature, drive signal level, and manufacturing lots)
Resonant Peak
with Max Accel.
250
150
Figure 5: LRA Output Acceleration Swept in Frequency with Constant Power Input Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com