Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA7280
Description  Wideband LRA/ERM Haptic Driver for Automotive Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA7280 Datasheet HTML 45Page - Renesas Technology Corp DA7280 Datasheet HTML 46Page - Renesas Technology Corp DA7280 Datasheet HTML 47Page - Renesas Technology Corp DA7280 Datasheet HTML 48Page - Renesas Technology Corp DA7280 Datasheet HTML 49Page - Renesas Technology Corp DA7280 Datasheet HTML 50Page - Renesas Technology Corp DA7280 Datasheet HTML 51Page - Renesas Technology Corp DA7280 Datasheet HTML 52Page - Renesas Technology Corp DA7280 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
DA7280-Automotive
Wideband LRA/ERM Haptic Driver for Automotive
Applications
Datasheet
Revision 1.4
01-Mar-2022
CFR0011-120-00
49 of 79
© 2022 Renesas Electronics
Waveform Memory
Sequence 0 Addr Pointer
Snippet 1 Addr Pointer
Example Snippet_1
Snippet_M
Example Sequence_0
snippet 7
0dB
2 loops
Example Sequence_3
SEQ_0_FR_0
snippet 1
Timebase
20ms
-6dB
0 loops
SEQ_0_FR_1
Freq :90Hz
SEQ_3_FR_0
snippet 5
Timebase
5ms
-6dB
1 loops
snippet 2
Timebase
20ms
0dB
0 loops
SEQ_3_FR_1
Freq :162.5Hz
Wideband
Wideband
Sequence_N
Snip 7,
@20ms
snippet 1
Timebase
40ms
0dB
0 loops
SEQ_0_FR_2
Snip 1
@ -6dB,
20ms
loop 1
loop 2
Snip 1
@ 0dB, 40ms
Narrowband Example , Sequence 0
Time
PWL : P1 = Ramp to 80%, time 4
PWL : P2 = Step to 80%, time 2
PWL : P3 = Ramp to 0%, time 4
p0
p1
p2
p3
Time
Wideband Example , Sequence 3
Snip 5
@90Hz
loop 1
@90Hz
Snip 2 @162.5Hz
PWL : P1 = Ramp to 60%, time 3
PWL : P2 = Step to 0%, time 1
PWL : P3 = Ramp to 40%, time 2
p0
p1
p2
Example Snippet_5
snippet 7
Timebase
5ms
0dB
0 loops
SEQ_3_FR_3
snippet 0
Timebase 20ms
0 loops
SEQ_3_FR_2
Snip 7, @5ms,
162.5Hz
Timebase
20ms
p3
PWL : P1 = Step to 50%, time 1
PWL : P2 = Step to 00%, time 1
p0
p1
p2
Example Snippet_7
PWL : P1 = Ramp to 50%, time 4
PWL : P2 = Step to 50%, time 1
PWL : P3 = Step to 100%, time 3
PWL : P4 = Step to 0%, time 2
p0
p1
p2
Example Snippet_2
Snip 0
p3
p4
Three loops of Snippet 7
played with 20ms
timebase and 0dB gain
Snippet 1
is played
at 20ms
timebase
and -6dB
gain
LRA drive
frequency set @
90Hz.
Two loops of
Snippet 5, 5ms
timebase, -6dB
gain.
LRA drive
frequency set @
162.5Hz.
Snippet 2 is
played once at
20ms timebase,
0dB gain
LRA drive
frequency set
@ 162.5Hz.
Snippet 7
played with
5ms timebase
and 0dB gain
40ms
of
silence
Snippet 1 is
played at 40ms
timebase and
0dB gain.
Number of Sequences
Number of Snippets
Snippet 2 Addr Pointer
Snippet 5 Addr Pointer
Sequence 3 Addr Pointer
Figure 29: Waveform Memory Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com