Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA7280
Description  Wideband LRA/ERM Haptic Driver for Automotive Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA7280 Datasheet HTML 24Page - Renesas Technology Corp DA7280 Datasheet HTML 25Page - Renesas Technology Corp DA7280 Datasheet HTML 26Page - Renesas Technology Corp DA7280 Datasheet HTML 27Page - Renesas Technology Corp DA7280 Datasheet HTML 28Page - Renesas Technology Corp DA7280 Datasheet HTML 29Page - Renesas Technology Corp DA7280 Datasheet HTML 30Page - Renesas Technology Corp DA7280 Datasheet HTML 31Page - Renesas Technology Corp DA7280 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
DA7280-Automotive
Wideband LRA/ERM Haptic Driver for Automotive
Applications
Datasheet
Revision 1.4
01-Mar-2022
CFR0011-120-00
28 of 79
© 2022 Renesas Electronics
4. Write the new contents of the Waveform Memory by starting from SNP_MEM_0.
5. If desired, re-lock the Waveform Memory, set WAV_MEM_LOCK = 0.
Once the DA7280-A Waveform Memory is configured, it is retained until a power-on reset event. The
host can update the Waveform Memory as many times as needed during the lifetime of the device.
5.6.5
Mode Configuration
Set OPERATION_MODE according to the operating mode to be used. The device configuration flow
is different for each operating mode. Sections 5.6.5.1 to 5.6.5.5 explain how to set up and operate
the device in each of the operating modes.
5.6.5.1
Inactive Mode
In Inactive mode, DA7280-A waits in a low-power state in between playback events. For more details
on power and latency trade-offs see Sections 5.2.1 and 5.2.3.
1. Set OPERATION_MODE = 0 for DA7280-A to go to Inactive mode.
2. Configure STANDBY_EN to return to IDLE or STANDBY state after playback has finished.
5.6.5.2
Direct Register Override (DRO) Mode
Figure 13 shows how to operate the device in DRO mode.
1. Starting from either the IDLE or STANDBY state, write the initial drive amplitude of the haptic
sequence to OVERRIDE_VAL.
2. When ready to begin playback, set OPERATION_MODE = 1. The output will begin switching
after approximately 0.75 ms.
3. While in the DRIVE state, write to OVERRIDE_VAL to drive a new amplitude and create the
desired envelope of the haptic sequence. If OVERRIDE_VAL = 0 during the DRIVE state,
DA7280-A will disable its output stage, but remain in a low latency-to-drive state and wait for
further updates to OVERRIDE_VAL.
4. To stop driving set OPERATION_MODE = 0. DA7280-A returns to either the IDLE or STANDBY
state, depending on the value of STANDBY_EN.
Note: The allowable range of values written to OVERRIDE_VAL depends on whether
ACCELERATION_EN is set to 1 or 0. If ACCELERATION_EN = 1 then the usable range for
OVERRIDE_VAL is 0x00 to 0x7F. If ACCELERATION_EN = 0 then the usable range for
OVERRIDE_VAL is 0x00 to 0xFF in two’s complement. For further explanation, see Figure 30 and
Figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com