Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # DA7280
Description  Wideband LRA/ERM Haptic Driver for Automotive Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button DA7280 Datasheet HTML 37Page - Renesas Technology Corp DA7280 Datasheet HTML 38Page - Renesas Technology Corp DA7280 Datasheet HTML 39Page - Renesas Technology Corp DA7280 Datasheet HTML 40Page - Renesas Technology Corp DA7280 Datasheet HTML 41Page - Renesas Technology Corp DA7280 Datasheet HTML 42Page - Renesas Technology Corp DA7280 Datasheet HTML 43Page - Renesas Technology Corp DA7280 Datasheet HTML 44Page - Renesas Technology Corp DA7280 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
DA7280-Automotive
Wideband LRA/ERM Haptic Driver for Automotive
Applications
Datasheet
Revision 1.4
01-Mar-2022
CFR0011-120-00
41 of 79
© 2022 Renesas Electronics
● When setting the impedance in V2I_FACTOR_H and V2I_FACTOR_L via the formula in Section
5.6.2, use Zformula = 2*Zreal.
● When reading back from IMPEDANCE_H and IMPEDANCE_L, use an LSB of 0.03125 Ω.
5.7.13
Supply Monitoring, Reporting, and Automatic Output Limiting
DA7280-A monitors the level of the supply during playback and reports it via ADC_VDD_H and
ADC_VDD_L. The two should be concatenated and read using the following formula:
������������������ ������������������������������������ ������������������������������������������ = (������������������_������������������_������ × 128 + ������������������_������������������_������) × 0.1831 ������������
(13)
DA7280-A uses this information to prevent the device from clipping to supply by limiting the drive to a
value determined by the VDD_MARGIN register in 187.5 mV steps where 0x0 corresponds to no
margin, see Figure 22.
Output drive clipping to
VDD – VDD_MARGIN, not ABSMAX
Time [s]
VDD
ABSMAX
VDD - VDD_MARGIN
VDD_MARGIN
Figure 22: Automatic Output Limiting
The functionality is needed as DA7280-A regulates current and if supply clipping occurs, the
regulation stops and the BEMF information is lost. Furthermore, the VDD_MARGIN register allows
limiting of the power across the actuator for low supply values to prevent the battery from discharging
too fast.
5.7.14
BEMF Fault Limit
To detect malfunctioning actuators that have stopped moving due to a mechanical fault, DA7280-A
can be configured to trigger an actuator fault if the BEMF voltage level falls below a threshold for long
drive durations. The threshold for detection is set in BEMF_FAULT_LIM; a zero value of the register
disables the fault checking.
5.7.15
Increasing Impedance Detection Accuracy
To increase the accuracy of the impedance reading in IMPEDANCE_H and IMPEDANCE_L, the
register V2I_FACTOR_OFFSET_EN could be set to 0. This removes an algorithmic offset utilized by
the acceleration algorithm. Should V2I_FACTOR_OFFSET_EN be equal to 0, ACCELERATION_EN
is recommended to be set to 0.
5.7.16
Frequency Pause during Rapid Stop
To address low mechanical time constant LRAs (start/stop times less than 20 ms) and improve the
braking behavior, DA7280 has the option to pause frequency tracking during the execution of the
Rapid Stop algorithm by setting FRQ_PAUSE_ON_POLARITY_CHANGE to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com