Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA9211
Description  2.8 V to 5.5 V Input voltage
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9211 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA9211 Datasheet HTML 35Page - Renesas Technology Corp DA9211 Datasheet HTML 36Page - Renesas Technology Corp DA9211 Datasheet HTML 37Page - Renesas Technology Corp DA9211 Datasheet HTML 38Page - Renesas Technology Corp DA9211 Datasheet HTML 39Page - Renesas Technology Corp DA9211 Datasheet HTML 40Page - Renesas Technology Corp DA9211 Datasheet HTML 41Page - Renesas Technology Corp DA9211 Datasheet HTML 42Page - Renesas Technology Corp DA9211 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
DA9211 and DA9212
Datasheet
Datasheet
Revision 3.2
22-Feb-2022
CFR0011-120-00 Rev 3
39 of 74
© 2022 Renesas Electronics
Control Interfaces
All the features of DA9211 and DA9212 can be controlled by SW through a serial control interfaces.
The communication is selectable to be either a 2-WIRE (I2C compliant) or a 4-WIRE connection (SPI
compliant) via control IF_TYPE, which will be selected during the initial OTP read. If 4-WIRE is
selected, the GPIO3 and GPI4 are automatically configured as interface pins. Data is shifted into or
out of DA9211 and DA9212 under the control of the host processor, which also provides the serial
clock. In a normal application case the interface is only configured once from OTP values, which are
loaded during the initial start-up of DA9211 and DA9212.
DA9211 and DA9212 reacts only on read/write commands where the transmitted register address
(using the actual page bits as a MSB address range extensions) is within 0x50 to 0x67, 0xD0 to DF,
0x140 to 0x14F and (read only) 0x200 to 0x27F. Host access to registers outside these ranges will
be ignored. This means there will be no acknowledge after receiving the register address in 2-WIRE
Mode, and SO stays HI-Z in 4-WIRE Mode. During debug and production modes write access is
available to page 4 (0x200 to 0x27F). DA9211 and DA9212 will react only on write commands where
the transmitted register address is 0x00, 0x80, 0x100 to0x106. The host processor must read the
content of those registers before writing, thereby changing only the bit fields that are not marked as
reserved (the content of the read back comes from the compatible PMIC, for example DA9063).
If the STAND_ALONE bit is asserted (OTP bit), DA9211 and DA9212 will also react to read
commands.
4-WIRE Communication
In 4-WIRE Mode the interface uses a chip-select line (nCS/nSS), a clock line (SK), data input (SI)
and data output line (SO).
The DA9211 and DA9212 register map is split into four pages that each contain up to 128 registers.
The register at address zero on each page is used as a page control register. The default active
page after turn-on includes registers 0x50 to 0x6F. Writing to the page control register changes the
active page for all subsequent read/write operations unless an automatic return to page 0 was
selected by asserting bit REVERT. Unless the REVERT bit was asserted after modifying the active
page, it is recommended to read back the page control register to ensure that future data exchange
is accessing the intended registers.
All registers outside the DA9211 and DA9212 range are write only, that is, the DA9211 and DA9212
will not answer to a read command and the data bus is tri-state (they are implicitly directed to
DA9063). In particular the information contained in registers 0x105 and 0x106 is used by DA9211
and DA9212 to configure the control interface. They must be the same as the main PMIC (DA9063),
so that a write to those registers configures both the main PMIC and DA9211 and DA9212 at the
same time. The default OTP settings also need to be identical for a correct operation of the system.
The 4-WIRE interface features a half-duplex operation, that is, data can be transmitted and received
within a single 16-bit frame at enhanced clock speed (up to 14 MHz). It operates at the clock
frequencies provided by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com