Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA9211
Description  2.8 V to 5.5 V Input voltage
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9211 Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA9211 Datasheet HTML 1Page - Renesas Technology Corp DA9211 Datasheet HTML 2Page - Renesas Technology Corp DA9211 Datasheet HTML 3Page - Renesas Technology Corp DA9211 Datasheet HTML 4Page - Renesas Technology Corp DA9211 Datasheet HTML 5Page - Renesas Technology Corp DA9211 Datasheet HTML 6Page - Renesas Technology Corp DA9211 Datasheet HTML 7Page - Renesas Technology Corp DA9211 Datasheet HTML 8Page - Renesas Technology Corp DA9211 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
DA9211 and DA9212
Datasheet
Datasheet
Revision 3.2
22-Feb-2022
CFR0011-120-00 Rev 3
2 of 74
© 2022 Renesas Electronics
3.
Applications
■ Smartphones, Mobile Phones and Ultra books
■ Tablet PCs, E-Book Readers and Car
Infotainment
■ Portable Navigation Devices, TV and Media
players
4.
System diagrams
FBAP
REGISTER
SPACE
OTP
MEMORY
DIGITAL
CORE
2/4-WIRE INTERFACE
VDDIO
BIAS
SUPERV
OSC
GPI1
OUT
nIRQ
4x 0.47µH
4x 10µF
L/C/R PCB
GPI0
1µF
GPI
GPI
100nF
GPIO2
GPIO
VSS_ANA
PoL
FBAN
FBBP
FBBN
4x 22µF
IC_EN
DVS
CTRL
+
DRIVE
Figure 1: DA9211 System diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com