Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA9211
Description  2.8 V to 5.5 V Input voltage
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9211 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA9211 Datasheet HTML 36Page - Renesas Technology Corp DA9211 Datasheet HTML 37Page - Renesas Technology Corp DA9211 Datasheet HTML 38Page - Renesas Technology Corp DA9211 Datasheet HTML 39Page - Renesas Technology Corp DA9211 Datasheet HTML 40Page - Renesas Technology Corp DA9211 Datasheet HTML 41Page - Renesas Technology Corp DA9211 Datasheet HTML 42Page - Renesas Technology Corp DA9211 Datasheet HTML 43Page - Renesas Technology Corp DA9211 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
DA9211 and DA9212
Datasheet
Datasheet
Revision 3.2
22-Feb-2022
CFR0011-120-00 Rev 3
40 of 74
© 2022 Renesas Electronics
PMIC
(slave)
Host
processor
SK
SO
SI
nCS/nSS
nCS/nSS
SI
SK
SO
nCS/nSS
VDDIO
VDDIO
VDDIO
Slave device
SI
SK
SO
nCS/nSS
VDDIO
4-WIRE interface
Host
processor
PMIC
Peripheral
device
SI
SK
Peripheral
device
SDA
SCL
SCL
SDA
VDDIO
VDDIO
2-WIRE interface
Figure 37: Schematic of 4-WIRE and 2-WIRE Power Manager Bus
A transmission begins when initiated by the host. Reading and writing is accomplished by the use of
an 8-bit command, which is sent by the host prior to the exchanged 8-bit data. The byte from the host
begins shifting in on the SI pin under the control of the serial clock SK provided from the host. The
first seven bits specify the register address (0x01 to 0x07) that will be written or read by the host. The
register address is automatically decoded after receiving the seventh address bit. The command
word ends with an R/W bit, which together with the control bit R/W_POL specifies the direction of the
following data exchange. During register writing the host continues sending out data during the
following eight SK clocks. For reading, the host stops transmitting and the 8-bit register is clocked out
of DA9211 and DA9212 during the consecutive eight SK clocks of the frame. Address and data are
transmitted with MSB first. The polarity (active state) of nCS is defined by control bit nCS_POL. nCS
resets the interface when inactive and it has to be released between successive cycles.
The SO output from DA9211 and DA9212 is normally in high-impedance state and active only during
the second half of read cycles. A pull-up or pull-down resistor may be needed at the SO line if a
floating logic signal can cause unintended current consumption inside other circuits.
Table 13: 4-WIRE Clock Configurations
Configurations
CPHA clock
polarity
CPOL clock
phase
Output data is updated at SK
edge
Input data is registered at SK
edge
0 (idle low)
0
Falling
Rising
0 (idle low)
1
Rising
Falling
1 (idle high)
0
Rising
Falling
1 (idle high)
1
Falling
Rising
DA9211 and DA9212
’s 4-WIRE interface offers two further configuration bits. Clock polarity (CPOL)
and clock phase (CPHA) define when the interface will latch the serial data bits. CPOL determines
whether SK idles high (CPOL = 1) or low (CPOL = 0). CPHA determines on which SK edge data is
shifted in and out. With CPOL = 0 and CPHA = 0, DA9211 and DA9212 latch data on the SK rising
edge. If the CPHA is set to 1 the data is latched on the SK falling edge. CPOL and CPHA states
allow four different combinations of clock polarity and phase. Each setting is incompatible with the
other three. The host and DA9211 and DA9212 must be set to the same CPOL and CPHA states to
communicate with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com