Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA9211
Description  2.8 V to 5.5 V Input voltage
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9211 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA9211 Datasheet HTML 53Page - Renesas Technology Corp DA9211 Datasheet HTML 54Page - Renesas Technology Corp DA9211 Datasheet HTML 55Page - Renesas Technology Corp DA9211 Datasheet HTML 56Page - Renesas Technology Corp DA9211 Datasheet HTML 57Page - Renesas Technology Corp DA9211 Datasheet HTML 58Page - Renesas Technology Corp DA9211 Datasheet HTML 59Page - Renesas Technology Corp DA9211 Datasheet HTML 60Page - Renesas Technology Corp DA9211 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
DA9211 and DA9212
Datasheet
Datasheet
Revision 3.2
22-Feb-2022
CFR0011-120-00 Rev 3
57 of 74
© 2022 Renesas Electronics
Register
Bit
Type
Label
Def
Description
0xD1
BUCKA_CON
F
7:5
R/W
BUCKA_DOWN_
CTRL
111
Buck A voltage ramping during power down
000: 1.25 mV/µs
001: 2.5 mV/µs
010: 5 mV/µs
011: 10 mV/µs
100: 20 mV/µs
101: 30 mV/µs
110: 40 mV/µs
111: no ramped power down
4:2
R/W
BUCKA_UP_CTR
L
100
Buck A voltage ramping during start up
000: 1.25 mV/µs
001: 2.5 mV/µs
010: 5 mV/µs
011: 10 mV/µs
100: 20 mV/µs (Note 1)
101: 30 mV/µs
110: 40 mV/µs
111: target voltage applied immediately (no soft
start)
1:0
R/W
BUCKA_MODE
10
00: Reserved
01: Reserved
10: Buck A always operates in PWM mode
11: Automatic mode
Note 1
Settings higher than 20 mV/µs may cause significant overshoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com