Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA9211
Description  2.8 V to 5.5 V Input voltage
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9211 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA9211 Datasheet HTML 9Page - Renesas Technology Corp DA9211 Datasheet HTML 10Page - Renesas Technology Corp DA9211 Datasheet HTML 11Page - Renesas Technology Corp DA9211 Datasheet HTML 12Page - Renesas Technology Corp DA9211 Datasheet HTML 13Page - Renesas Technology Corp DA9211 Datasheet HTML 14Page - Renesas Technology Corp DA9211 Datasheet HTML 15Page - Renesas Technology Corp DA9211 Datasheet HTML 16Page - Renesas Technology Corp DA9211 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
DA9211 and DA9212
Datasheet
Datasheet
Revision 3.2
22-Feb-2022
CFR0011-120-00 Rev 3
13 of 74
© 2022 Renesas Electronics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IO = 0 to 5 A, 10 A/µs
auto mode, ph shedding
COUT = 47 µF
VBUCK
≥ 1 V
0.6 V
≤ VBUCK < 1 V
-3.5
-35 mV
Note 2
+3.5
+35 mV
%
VTR_LINE
Line regulation transient
voltage
VDD = 3 to.3.6 V
dt =10 µs
IO = IO(MAX)/2
8
mV
RRS_MAX
Maximum remote
sensing resistance (Note
3)
To sense connection at
point of load
10
mΩ
LRS_MAX
Maximum remote
sensing inductance (Note
3)
To sense connection at
point of load
10
nH
IO_MAX
Maximum output current
Per phase
3000
mA
ILIM_MIN
Minimum current limit
per phase
(programmable)
BUCKA_ILIM
BUCKB_ILIM
= 0000
-20%
2000
20%
mA
ILIM_MAX
Maximum current limit
per phase
(programmable)
BUCKA_ILIM
BUCKB_ILIM
= 1111
-20%
5000
20%
mA
IQ_PWM
Quiescent current
@ synchronous
rectification mode
Per phase
No load
VDD = 3.7 V
10
mA
fSW
Switching frequency
3
MHz
tON_MIN
minimum on time
20
ns
tSTUP
Start up time
BUCKA_UP_CTRL
BUCKB_UP_CTRL
= 011
50
(Note
4)
µs
RO_PD
Output pull-down
resistance
For each phase at the LX
node @0.5 V,
(see BUCKx_PD_DIS)
150
200
Ω
PFM Mode
VBUCK_PFM
Buck output voltage in
PFM
IO = 0 mA to IO_MAX
0.3
1.57
V
IQ_PFM_A2
DA9212 quiescent
current
Buck A enabled
No load
VDD = 3.7 V
56
µA
IQ_PFM_A4
DA9211 quiescent
current
Buck enabled
No load
VDD = 3.7 V
70
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com