Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA9211
Description  2.8 V to 5.5 V Input voltage
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9211 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA9211 Datasheet HTML 45Page - Renesas Technology Corp DA9211 Datasheet HTML 46Page - Renesas Technology Corp DA9211 Datasheet HTML 47Page - Renesas Technology Corp DA9211 Datasheet HTML 48Page - Renesas Technology Corp DA9211 Datasheet HTML 49Page - Renesas Technology Corp DA9211 Datasheet HTML 50Page - Renesas Technology Corp DA9211 Datasheet HTML 51Page - Renesas Technology Corp DA9211 Datasheet HTML 52Page - Renesas Technology Corp DA9211 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
DA9211 and DA9212
Datasheet
Datasheet
Revision 3.2
22-Feb-2022
CFR0011-120-00 Rev 3
49 of 74
© 2022 Renesas Electronics
Register Definitions
Register Page Control
Register
Bit
Type
Label
Def
Description
0x00
PAGE_CON
7
R/W
REVERT
0
Resets REG_PAGE to 000 after read/write
access has finished
6
R/W
WRITE_MODE
0
2-WIRE multiple write mode (Note 1)
0: Page Write Mode
1: Repeated Write Mode
5:3
R/W
(reserved)
000
3:0
R/W
REG_PAGE
000
000: Selects Register 0x01 to 0x3F
001: Selects Register 0x81 to 0xCF
010: Selects Register 0x101 to 0x1CF
>010: Reserved for production and test
Note 1
Not used for 4-WIRE-IF
Register Page 0
14.2.2.1
System Control and Event
The STATUS registers report the current value of the various signals at the time that it is read out.
Register
Bit
Type
Label
Def
Description
0x50
STATUS_A
7:5
R
(reserved)
000
4
R
GPI4
0
GPI4 level
3
R
GPI3
0
GPI3 level
2
R
GPI2
0
GPI2 level
1
R
GPI1
0
GPI1 level
0
R
GPI0
0
GPI0 level
Register
Bit
Type
Label
Def
Description
0x51
STATUS_B
7:6
R
(reserved)
00
5
R
OV_CURR_B
0
Asserted as long as the current limit for Buck B
is hit
4
R
OV_CURR_A
0
Asserted as long as the current limit for Buck A
is hit
3
R
TEMP_CRIT
0
Asserted as long as the thermal shutdown
threshold is reached
2
R
TEMP_WARN
0
Asserted as long as the thermal warning
threshold is reached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com