Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA9211
Description  2.8 V to 5.5 V Input voltage
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9211 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA9211 Datasheet HTML 11Page - Renesas Technology Corp DA9211 Datasheet HTML 12Page - Renesas Technology Corp DA9211 Datasheet HTML 13Page - Renesas Technology Corp DA9211 Datasheet HTML 14Page - Renesas Technology Corp DA9211 Datasheet HTML 15Page - Renesas Technology Corp DA9211 Datasheet HTML 16Page - Renesas Technology Corp DA9211 Datasheet HTML 17Page - Renesas Technology Corp DA9211 Datasheet HTML 18Page - Renesas Technology Corp DA9211 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
DA9211 and DA9212
Datasheet
Datasheet
Revision 3.2
22-Feb-2022
CFR0011-120-00 Rev 3
15 of 74
© 2022 Renesas Electronics
Table 7: IC Performance and Supervision
TA = -40 to +85 ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD_OFF
Off state supply current
@VSYS,VDDx
IC_EN = 0
TA = 27 °C
0.1
1
µA
IDD_ON
On state supply current
@VSYS,VDDx
IC_EN = 1
Buck A/B off
TA = 27 °C
12
µA
VTH_PG
Power good threshold
voltage
referred to VBUCK
-50
mV
VHYS_PG
Power good hysteresis
voltage
50
mV
VTH_UVLO_VDD
Under voltage lockout
threshold @ VDD
2.0
V
VTH_UVLO_IO
Under voltage lockout
threshold @ VDDIO
1.33
1.45
1.55
V
VHYS_UVLO_IO
Under voltage lockout
hysteresis @ VDDIO
70
mV
TTH_WARN
Thermal warning
threshold temperature
110
125
140
°C
TTH_CRIT
Thermal critical
threshold temperature
125
140
155
ºC
TTH_POR
Thermal power on reset
threshold temperature
135
150
165
°C
fOSC
Internal oscillator
frequency
-7%
6.0
+7%
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com