Electronic Components Datasheet Search
  English  ▼

X  

AD9380 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9380
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9380 Datasheet HTML 35Page - Analog Devices AD9380 Datasheet HTML 36Page - Analog Devices AD9380 Datasheet HTML 37Page - Analog Devices AD9380 Datasheet HTML 38Page - Analog Devices AD9380 Datasheet HTML 39Page - Analog Devices AD9380 Datasheet HTML 40Page - Analog Devices AD9380 Datasheet HTML 41Page - Analog Devices AD9380 Datasheet HTML 42Page - Analog Devices AD9380 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
AD9380
Rev. 0 | Page 39 of 60
SYNC
0x0E—Bits[7:0] Sync Separator
Selects the maximum HSYNC pulse width for composite sync
separation. Power-down default is 0x20.
0x0F—Bits[7:2] SOG Comparator Threshold Enter
The enter level for the SOG slicer. Must be < exit level
(Register 0x10). The power-up default is 0x10.
0x10—Bits[7:2] SOG Comparator Threshold Exit
The exit level for the SOG slicer. Must be > enter level
(Register 0x0F). The power-up default is 0x10.
0x11—Bit[7] HSYNC Source
0 = HSYNC, 1 = SOG. The power-up default is 0. These
selections are ignored if Register 0x11, Bit 6 = 0.
0x11—Bit[6] HSYNC Source Override
0 = auto HSYNC source, 1 = manual HSYNC source. Manual
HSYNC source is defined in Register 0x11, Bit 7. The power-up
default is 0.
0x11—Bit[5] VSYNC Source
0 = VSYNC, 1 = VSYNC from SOG. The power-up default is 0.
These selections are ignored if Register 0x11, Bit 4 = 0.
0x11—Bit[4] VSYNC Source Override
0 = auto VSYNC source, 1 = manual VSYNC source. Manual
VSYNC source is defined in Register 0x11, Bit 5. The power-up
default is 0.
0x11—Bits[3] Channel Select
0 = Channel 0, 1 = Channel 1. The power-up default is 0. These
selections are ignored if Register 0x11, Bit 2 = 0.
0x11—Bit[2] Channel Select Override
0 = auto channel select, 1 = manual channel select. Manual
channel select is defined in Register 0x11, Bit 3. The power-up
default is 0.
0x11—Bits[1] Interface Select
0 = analog interface, 1 = digital interface. The power-up default
is 0. These selections are ignored if Register 0x11, Bit 0 = 0.
0x11—Bit[0] Interface Select Override
0 = auto interface select, 1 = manual interface select. Manual
interface select is defined in Register 0x11, Bit 1. The power-up
default is 0.
0x12—Bit[7] Input HSYNC Polarity
0 = active low, 1 = active high. The power-up default is 1. These
selections are ignored if Register 10x2, Bit 6 = 0.
0x12—Bits[6] HSYNC Polarity Override
0 = auto HSYNC polarity, 1 = manual HSYNC polarity. Manual
HSYNC polarity is defined in Register 0x11, Bit 7. The power-
up default is 0.
0x12—Bit[5] Input VSYNC Polarity
0 = active low, 1 = active high. The power-up default is 1. These
selections are ignored if Register 0x11, Bit 4 = 0.
0x12—Bit[4] VSYNC Polarity Override
0 = auto VSYNC polarity, 1 = manual VSYNC polarity. Manual
VSYNC polarity is defined in Register 0x11, Bit 5. The power-
up default is 0.
COAST AND CLAMP CONTROLS
0x12—Bit[3] Input Coast Polarity
0 = active low, 1 = active high. The power-up default is 1.
0x12—Bit[2] Coast Polarity Override
0 = auto-coast polarity, 1 = manual coast polarity. The power-
up default is 0.
0x12—Bit[1] Coast Source
0 = internal coast, 1 = external coast. The power-up default is 0.
0x12—Bit[0] Filter Coast VSYNC
0 = use raw VSYNC for coast generation, 1 = use filtered
VSYNC for coast generation The power-up default is 1.
0x13—Bits[7:0] Precoast
This register allows the internally generated coast signal to be
applied prior to the VSYNC signal. This is necessary in cases
where pre-equalization pulses are present. The step size for this
control is one HSYNC period. For precoast to work correctly, it
is necessary for both the VSYNC filter (0x21, Bit 5) and sync
processing filter (0x21 Bit 7) to be either enabled or disabled.
The power-up default is 0.
0x14—Bits[7:0] Postcoast
This register allows the internally generated coast signal to be
applied following the VSYNC signal. This is necessary in cases
where post-equalization pulses are present. The step size for this
control is one HSYNC period. For postcoast to work correctly,
it is necessary for both the VSYNC filter (0x21, Bit 5) and sync
processing filter (0x21, Bit 7) to be either enabled or disabled.
The power-up default is 0.
STATUS OF DETECTED SIGNALS
0x15—Bit[7] HSYNC 0 Detection Bit
This bit is used to indicate when activity is detected on the
HSYNC 0 input pin. If HSYNC is held high or low, activity is
not detected. The sync processing block diagram shows where
this function is implemented. 0 = HSYNC 0 not active.
1 = HSYNC 0 is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com