Electronic Components Datasheet Search
  English  ▼

X  

AD9380 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9380
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9380 Datasheet HTML 12Page - Analog Devices AD9380 Datasheet HTML 13Page - Analog Devices AD9380 Datasheet HTML 14Page - Analog Devices AD9380 Datasheet HTML 15Page - Analog Devices AD9380 Datasheet HTML 16Page - Analog Devices AD9380 Datasheet HTML 17Page - Analog Devices AD9380 Datasheet HTML 18Page - Analog Devices AD9380 Datasheet HTML 19Page - Analog Devices AD9380 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
AD9380
Rev. 0 | Page 16 of 60
TIMING
The output data clock signal is created so that its rising edge
always occurs between data transitions and can be used to latch
the output data externally.
There is a pipeline in the AD9380, which must be flushed
before valid data becomes available. This means 23 data sets are
presented before valid data is available.
Figure 7 shows the timing of the AD9380.
tPER
tDCYCLE
tSKEW
DATACK
DATA
HSOUT
Figure 7. Output Timing
HSYNC Timing
Horizontal sync (HSYNC) is processed in the AD9380 to
eliminate ambiguity in the timing of the leading edge with
respect to the phase-delayed pixel clock and data.
The HSYNC input is used as a reference to generate the pixel
sampling clock. The sampling phase can be adjusted, with
respect to HSYNC, through a full 360° in 32 steps via the phase
adjust register (to optimize the pixel sampling time). Display
systems use HSYNC to align memory and display write cycles,
so it is important to have a stable timing relationship between
the HSYNC output (HSOUT) and data clock (DATACK).
Three things happen to HSYNC in the AD9380. First, the
polarity of the HSYNC input is determined and thus has a
known output polarity. The known output polarity can be
programmed either active high or active low (Register 0x24,
Bit 7). Second, HSOUT is aligned with DATACK and the data
outputs. Third, the duration of HSOUT (in pixel clocks) is set
via Register 0x23. HSOUT is the sync signal to use to drive the
rest of the display system.
Coast Timing
In most computer systems, the HSYNC signal is provided
continuously on a dedicated wire. In these systems, the coast
input and function are unnecessary and should not be used.
The pin should be permanently connected to the inactive state.
In some systems, however, HSYNC is disturbed during the
vertical sync period (VSYNC). In some cases, HSYNC pulses
disappear. In other systems, such as those that employ
composite sync (Csync) signals or embedded SOG, HSYNC
includes equalization pulses or other distortions during
VSYNC. To avoid upsetting the clock generator during VSYNC,
it is important to ignore these distortions. If the pixel clock PLL
sees extraneous pulses, it attempts to lock to this new frequency,
and changes frequency by the end of the VSYNC period. It then
takes a few lines of correct HSYNC timing to recover at the
beginning of a new frame, which tears the image at the top of
the display.
The coast input is provided to eliminate this problem. It is an
asynchronous input that disables the PLL input and allows the
clock to free run at its then-current frequency. The PLL can
free-run for several lines without significant frequency drift.
Coast can be generated internally by the AD9380 (see
Register 0x12 [1]), can be driven directly from a VSYNC input,
or can also be provided externally by the graphics controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com