Electronic Components Datasheet Search
  English  ▼

X  

AD9380 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9380
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9380 Datasheet HTML 30Page - Analog Devices AD9380 Datasheet HTML 31Page - Analog Devices AD9380 Datasheet HTML 32Page - Analog Devices AD9380 Datasheet HTML 33Page - Analog Devices AD9380 Datasheet HTML 34Page - Analog Devices AD9380 Datasheet HTML 35Page - Analog Devices AD9380 Datasheet HTML 36Page - Analog Devices AD9380 Datasheet HTML 37Page - Analog Devices AD9380 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
AD9380
Rev. 0 | Page 34 of 60
Hex
Address
Read/Write
or Read-Only
Bits
Default
Value
Register Name
Description
0x9E
Read
[7:0]
VN6
VN6.
0x9F
Read
[6:0]
New Data Flags
New data flags (see 0x87).
0xA0
Read
[7:0]
VN7
VN7.
0xA1
Read
[7:0]
VN8
VN8.
0xA2
Read
[7:0]
Product Description
Character 1
Product Description Character 1 (PD1) in 7-bit ASCII code. This is
the first character of 16 that contains the model number and a
short description.
0xA3
Read
[7:0]
PD2
PD2.
0xA4
Read
[7:0]
PD3
PD3.
0xA5
Read
[7:0]
PD4
PD4.
0xA6
Read
[7:0]
PD5
PD5.
0xA7
Read
[7:0]
New Data Flags
New data flags (see Register 0x87).
0xA8
Read
[6:0]
PD6
PD6.
0xA9
Read
[7:0]
PD7
PD7.
0xAA
Read
[7:0]
PD8
PD8.
0xAB
Read
[7:0]
PD9
PD9.
0xAC
Read
[7:0]
PD10
PD10.
0xAD
Read
[7:0]
PD11
PD11.
0xAE
Read
[7:0]
PD12
PD12.
0xAF
Read
[6:0]
New Data Flags
New data flags (see Register 0x87).
0xB0
Read
[7:0]
PD13
PD13.
0xB1
Read
[7:0]
PD14
PD14.
0xB2
Read
[7:0]
PD15
PD15.
0xB3
Read
[7:0]
PD16
PD16.
0xB4
Read
[7:0]
Source Device
This is a code that classifies the source device.
Information Code
0x00 = unknown.
0x01 = digital STB.
0x02 = DVD.
0x03 = D-VHS.
0x04 = HDD video.
0x05 = DVC.
0x06 = DSC.
0x07 = video CD.
0x08 = game.
0x09 = PC general.
0xB7
Read
[6:0]
New Data Flags
New data flags (see Register 0x87).
MPEG Source Infoframe
0xB8
Read
[7:0]
MPEG Source
Infoframe Version
See CEA 861B for description.
0xB9
Read
[7:0]
MB(0)
MB [0] Lower byte of MPEG bit rate: Hz. This is the lower 8 bits of
32 bits (4 bytes) that specify the MPEG bit rate in Hz.
0xBA
Read
[7:0]
MB[1]
MB [1].
0xBB
Read
[7:0]
MB[2]
MB [2].
0xBC
Read
[7:0]
MB [3] (upper byte).
4
Field Repeat
FR—New field or repeated field.
0 = New field or picture.
1 = Repeated field.
0xBD
Read
[1:0]
MPEG Frame
MF [1:0]. This identifies whether frame is an I, B, or P picture.
00 = unknown.
01 = I picture.
10 = B picture.
11 = P picture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com