Electronic Components Datasheet Search
  English  ▼

X  

AD9380 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9380
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9380 Datasheet HTML 27Page - Analog Devices AD9380 Datasheet HTML 28Page - Analog Devices AD9380 Datasheet HTML 29Page - Analog Devices AD9380 Datasheet HTML 30Page - Analog Devices AD9380 Datasheet HTML 31Page - Analog Devices AD9380 Datasheet HTML 32Page - Analog Devices AD9380 Datasheet HTML 33Page - Analog Devices AD9380 Datasheet HTML 34Page - Analog Devices AD9380 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
AD9380
Rev. 0 | Page 31 of 60
Hex
Address
Read/Write
or Read-Only
Bits
Default
Value
Register Name
Description
1100 = 176.4 kHz.
0010 = 48k Hz.
1010 = 96 kHz.
1110 = 192 kHz.
0x62
Read
[3:0]
Word Length
Word length.
0000 = not specified.
0100 = 16 bits.
0011 = 17 bits.
0010 = 18 bits.
0001 = 19 bits.
0101 = 20 bits.
1000 = not specified.
1100 = 20 bits.
1011 = 21 bits.
1010 = 22 bits.
1001 = 23 bits.
1101 = 24 bits.
0x7B
Read
[7:0]
CTS [19:12]
Cycle time stamp—this 20-bit value is used with the N value to
regenerate an audio clock. For remaining bits, see Register 0x7C
and Register 0x7D.
0x7C
Read
[7:0]
CTS [11:4]
See R0x7B.
0x7D
Read
[7:4]
CTS [3:0]
See R0x7B.
Read
[3:0]
N [19:16]
20-bit N used with CTS to regenerate the audio clock. For
remaining bits, see Register 0x7E and Register 0x7F.
0x7E
Read
[7:0]
N [15:8]
0x7F
Read
[7:0]
N [7:0]
AVI Infoframe
0x80
Read
[7:0]
AVI Infoframe Version
0x81
Read
[6:5]
Y [1:0] indicates RGB, 4:2:2 or 4:4:4.
00 = RGB.
01 = YCbCr 4:2:2.
10 = YCbCr 4:4:4.
4
Active Format
Active format information present.
Information Status
0 = no data.
1 = active format information valid.
[3:2]
Bar Information
B [1:0].
00 = no bar information.
01 = horizontal bar information valid.
10 = vertical bar information valid.
11 = horizontal and vertical bar information valid.
[1:0]
Scan Information
S [1:0].
00 = no information.
01 = overscanned (television).
10 = underscanned (computer).
0x82
Read
[7:6]
Colorimetry
C [1:0].
00 = no data.
01 = SMPTE 170M, ITU601.
10 = ITU709.
[5:4]
Picture Aspect Ratio
M [1:0].
00 = no data.
01 = 4:3.
10 = 16:9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com