Electronic Components Datasheet Search
  English  ▼

X  

AD9380 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9380
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9380 Datasheet HTML 29Page - Analog Devices AD9380 Datasheet HTML 30Page - Analog Devices AD9380 Datasheet HTML 31Page - Analog Devices AD9380 Datasheet HTML 32Page - Analog Devices AD9380 Datasheet HTML 33Page - Analog Devices AD9380 Datasheet HTML 34Page - Analog Devices AD9380 Datasheet HTML 35Page - Analog Devices AD9380 Datasheet HTML 36Page - Analog Devices AD9380 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
AD9380
Rev. 0 | Page 33 of 60
Hex
Address
Read/Write
or Read-Only
Bits
Default
Value
Register Name
Description
0x0 = Refer to stream header.
0x1 = IEC60958 PCM.
0x2 = AC3.
0x3 = MPEG1 (Layer 1 and Layer 2).
0x4 = MP3 (MPEG1 Layer 3).
0x5 = MPEG2 (multichannel).
0x6 = AAC.
0x7 = DTS.
0x8 = ATRAC.
[2:0]
Audio Coding Count
CC [2:0]. Audio channel count.
000 = refer to stream header.
001 = 2 channels.
010 = 3 channels.
111 = 8 channels.
0x92
Read
[4:2]
Sampling Frequency
SF [2:0]. Sampling frequency.
000 = refer to stream header.
001 = 32 kHz.
010 = 44.1 kHz (CD).
011 = 48 kHz.
100 = 88.2 kHz.
101 = 96 kHz.
110 = 176.4 kHz.
111 = 192 kHz.
[1:0]
Sample Size
SS [1:0]. Sample size.
00 = refer to stream header.
01 = 16-bit.
10 = 20-bit.
11 = 24-bit.
0x93
Read
[7:0]
Max Bit Rate
Max bit rate (compressed audio only). The value of this field
multiplied by 8 kHz represents the maximum bit rate.
0x94
Read
[7:0]
Speaker Mapping
CA [7:0]. Speaker mapping or placement for up to 8 channels.
See Table 39.
0x95
7
Down-Mix
DM_INH—down-mix inhibit.
0 = permitted or no information.
1 = prohibited.
Read
[6:3]
Level Shift
LSV [3:0]—level shift values with attenuation information.
0000 = 0 dB attenuation.
0001 = 1 dB attenuation.
…..
1111 = 5 dB attenuation.
0x96
Read
[7:0]
Reserved.
0x97
Read
[6:0]
New Data Flags
New data flags (see Register 0x87).
Source Product Description (SPD) Infoframe
0x98
Read
[7:0]
Source Product
Description (SPD)
Infoframe Version
See CEA 861B for description.
0x99
Read
[7:0]
Vender Name
Character 1
Vender name character 1 (VN1) in 7-bit ASCII code. This is the
first character in 8 of the company name that appears on the
product.
0x9A
Read
[7:0]
VN2
VN2.
0x9B
Read
[7:0]
VN3
VN3.
0x9C
Read
[7:0]
VN4
VN4.
0x9D
Read
[7:0]
VN5
VN5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com