Electronic Components Datasheet Search
  English  ▼

X  

AD9380 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9380
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9380 Datasheet HTML 13Page - Analog Devices AD9380 Datasheet HTML 14Page - Analog Devices AD9380 Datasheet HTML 15Page - Analog Devices AD9380 Datasheet HTML 16Page - Analog Devices AD9380 Datasheet HTML 17Page - Analog Devices AD9380 Datasheet HTML 18Page - Analog Devices AD9380 Datasheet HTML 19Page - Analog Devices AD9380 Datasheet HTML 20Page - Analog Devices AD9380 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
AD9380
Rev. 0 | Page 17 of 60
Sync Processing
The inputs of the AD9380 sync processing section are
combinations of digital HSYNCs and VSYNCs, analog sync-on-
green signal, sync-on-Y signal, and an optional external coast
signal. From these signals, the AD9380 generates a precise,
jitter-free (9% or less at 95 MHz) clock from its PLL; an
odd/even field signal; HSYNC and VSYNC out signals; a count
of HSYNCs per VSYNC; and a programmable SOG output. The
main sync processing blocks are the sync slicer, sync separator,
HSYNC filter, HSYNC regenerator, VSYNC filter, and coast
generator.
The sync slicer extracts the sync signal from the green graphics
or luminance video signal that is connected to the SOGIN input
and outputs a digital composite sync. The sync separator’s task
is to extract VSYNC from the composite sync signal, which can
come from either the sync slicer or the HSYNC input. The
HSYNC filter is used to eliminate any extraneous pulses from
the HSYNC or SOGIN inputs, outputting a clean, low jitter
signal that is appropriate for mode detection and clock
generation. The HSYNC regenerator is used to recreate a clean,
although not low jitter, HSYNC signal that can be used for
mode detection and for counting HSYNCs per VSYNC. The
VSYNC filter is used to eliminate spurious VSYNCs, maintain a
stable timing relationship between the VSYNC and HSYNC
output signals, and generate the odd/even field output. The
coast generator creates a robust coast signal that allows the PLL
to maintain its frequency in the absence of HSYNC pulses.
AD9380
PLL CLOCK
GENERATOR
HSYNC FILTER
AND
REGENERATOR
HSYNC 0
SOGOUT
HSYNC
COAST
DATACK
SOGIN 0
COAST
CHANNEL
SELECT
VSYNC 1
O/E
FIELD
MUX
MUX
MUX
RH3
FH4
SP5
MUX
1ACTIVITY DETECT
2POLARITY DETECT
3REGENERATED HSYNC
4FILTERED HSYNC
5SET POLARITY
SP5
AD1
PD2
PD2
AD1
PD2
AD1
PD2
SYNC
SLICER
SYNC
SLICER
VSYNC 0
HSYNC 1
HSOUT
VSOUT
SOGIN 1
HSYNC/VSYNC
COUNTER
REG 26H, 27H
SYNC
PROCESSOR
AND
VSYNC FILTER
MUX
MUX
PLL SYNC FILTER EN
0x21:6
SP SYNC FILTER EN
0x21:7
SOGOUT SELECT
0x24:2,1
[0x11:7]
HSYNC
SELECT
[0x11:3]
COAST SELECT
0x12:1
VSYNC FILTER EN
0x21:5
FILTER COAST VSYNC
0x12:0
VSYNC
VSYNC
FILTERED
VSYNC
AD1
AD1
AD1
SP5
SP5
MUX
MUX
MUX
Figure 8. Sync Processing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com