Electronic Components Datasheet Search
  English  ▼

X  

AD9380 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9380
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9380 Datasheet HTML 16Page - Analog Devices AD9380 Datasheet HTML 17Page - Analog Devices AD9380 Datasheet HTML 18Page - Analog Devices AD9380 Datasheet HTML 19Page - Analog Devices AD9380 Datasheet HTML 20Page - Analog Devices AD9380 Datasheet HTML 21Page - Analog Devices AD9380 Datasheet HTML 22Page - Analog Devices AD9380 Datasheet HTML 23Page - Analog Devices AD9380 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
AD9380
Rev. 0 | Page 20 of 60
VSYNC Filter and Odd/Even Fields
The VSYNC filter is used to eliminate spurious VSYNCs,
maintain a consistent timing relationship between the VSYNC
and HSYNC output signals, and generate the odd/even field
output.
The filter works by examining the placement of VSYNC
with respect to HSYNC and, if necessary, slightly shifting
it in time at the VSOUT output. The goal is to keep the
VSYNC and HSYNC leading edges from switching at the
same time, eliminating confusion as to when the first line
of a frame occurs. Enabling the VSYNC filter is done with
Register 0x21[5]. Use of the VSYNC filter is recommended for
all cases, including interlaced video, and is required when using
the HSYNC per VSYNC counter. Figure 11 and Figure 12
illustrates even/odd field determination in two situations.
FIELD 1
FIELD 0
SYNC SEPARATOR THRESHOLD
FIELD 1
FIELD 0
23
2
1
4
31
HSIN
VSIN
4
VSOUT
O/E FIELD
EVEN FIELD
QUADRANT
Figure 11. VSYNC Filter—Even
FIELD 1
FIELD 0
SYNC SEPARATOR THRESHOLD
FIELD 1
FIELD 0
23
2
1
4
31
HSIN
VSIN
4
VSOUT
O/E FIELD
ODD FIELD
QUADRANT
Figure 12. VSYNC Filter—Odd
HDMI RECEIVER
The HDMI receiver section of the AD9380 allows the reception
of a digital video stream, which is backward compatible with
DVI and able to accommodate not only video of various for-
mats (RGB, YCrCb 4:4:4, 4:2:2), but also up to eight channels of
audio. Infoframes are transmitted carrying information about
the video format, audio clocks, and many other items necessary
for a monitor to use fully the information stream available.
The earlier digital visual interface (DVI) format was restricted
to an RGB 24-bit color space only. Embedded in this data
stream were HSYNCs, VSYNCs, and display enable (DE)
signals, but no audio information. The HDMI specification
allows transmission of all the DVI capabilities, but adds several
YCrCb formats that make the inclusion of a programmable
color space converter (CSC) a very desirable feature. With this,
the scaler following the AD9380 can specify that it always
wishes to receive a particular format—for instance, 4:2:2
YCrCb—regardless of the transmitted mode. If RGB is sent, the
CSC can easily convert that to 4:2:2 YCrCb while relieving the
scaler of this task.
In addition, the HDMI specification supports the transmission
of up to eight channels of S/PDIF or I2S audio. The audio
information is packetized and transmitted during the video
blanking periods along with specific information about the
clock frequency. Part of this audio information (audio
infoframe) tells the user how many channels of audio are
present, where they should be placed, information regarding the
source (make, model), and other data.
DE GENERATOR
The AD9380 has an onboard generator for DE, for start of
active video (SAV), and for end of active video (EAV), all of
which are necessary for describing the complete data stream for
a BT656-compatible output. In addition to this particular
output, it is possible to generate the DE for cases in which a
scaler is not used. This signal alerts the circuitry following the
AD9380 which video pixels are displayable.
4:4:4 TO 4:2:2 FILTER
The AD9380 contains a filter that allows it to convert a signal
from YCrCb 4:4:4 to YCrCb 4:2:2 while maintaining the
maximum accuracy and fidelity of the original signal.
Input Color Space to Output Color Space
The AD9380 can accept a wide variety of input formats and
either retain that format or convert to another. Input formats
supported are:
•
4:4:4 YCrCb 8-bit
•
4:2:2 YCrCb 8-, 10-, and 12-bit
•
RGB 8-bit
Output modes supported are:
•
4:4:4 YCrCb 8-bit
•
4:2:2 YCrCb 8-, 10-, and 12-bit
•
Dual 4:2:2 YCrCb 8-bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com