Electronic Components Datasheet Search
  English  ▼

X  

EL1503CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL1503CS
Description  High Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1503CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL1503CS Datasheet HTML 1Page - Renesas Technology Corp EL1503CS Datasheet HTML 2Page - Renesas Technology Corp EL1503CS Datasheet HTML 3Page - Renesas Technology Corp EL1503CS Datasheet HTML 4Page - Renesas Technology Corp EL1503CS Datasheet HTML 5Page - Renesas Technology Corp EL1503CS Datasheet HTML 6Page - Renesas Technology Corp EL1503CS Datasheet HTML 7Page - Renesas Technology Corp EL1503CS Datasheet HTML 8Page - Renesas Technology Corp EL1503CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL1503
FN7038 Rev 0.00
Page 3 of 16
July 17, 2001
Absolute Maximum Ratings (TA = 25°C)
VS+ to VS- Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . 26.4V
VS+ Voltage to Ground . . . . . . . . . . . . . . . . . . . . . . -0.3V to +26.4V
VS- Voltage to Ground . . . . . . . . . . . . . . . . . . . . . . . . -26.4V to 0.3V
Input C0/C1 to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Driver VIN+ Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- to VS+
Current into Any Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
Output Current from Driver (Static) . . . . . . . . . . . . . . . . . . . . 100mA
Operating Temperature Range . . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-60°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . .-40°C to +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = ±12V, RF = 1.5k, RL= 65, IADJ = C0 = C1 = 0V, TA = 25°C. Amplifiers tested separately.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CHARACTERISTICS
IS+(Full Power)
Positive Supply Current per Amplifier
All Outputs at 0V, C0 = C1 = 0V
10
12.5
16
mA
IS-(Full Power)
Negative Supply Current per Amplifier
All Outputs at 0V, C0 = C1 = 0V
-15
-11.5
-9
mA
IS+(Low Power)
Positive Supply Current per Amplifier
All Outputs at 0V, C0 = 5V, C1 = 0V
7
9
11.5
mA
IS-(Low Power)
Negative Supply Current per Amplifier
All Outputs at 0V, C0 =5V, C1 = 0V
-10.5
-8
-6
mA
IS+(Terminate)
Positive Supply Current per Amplifier
All Outputs at 0V, C0 = 0V, C1 = 5V
4
5.1
7
mA
IS-(Terminate)
Negative Supply Current per Amplifier
All Outputs at 0V, C0 = 0V, C1 = 5V
-6
-4
-3
mA
IS+(Power Down)
Positive Supply Current per Amplifier
All Outputs at 0V, C0 = C1 = 5V
0.75
1.05
1.7
mA
IS-(Power Down)
Negative Supply Current per Amplifier
All Outputs at 0V, C0 = C1 = 5V
-0.5
-0.25
0.07
mA
IGND
Gnd Supply Current per Amplifier
All Outputs at 0V
-1
mA
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
-30
30
mV
VOS
VOS Mismatch
-15
15
mV
IB+
Non-Inverting Input Bias Current
-15
15
µA
IB-
Inverting Input Bias Current
-50
50
µA
IB-IB- Mismatch
-30
30
µA
ROL
Transimpedance
0.4
0.8
M
eN
Input Noise Voltage
4.5
nVHz
iN
-Input Noise Current
13
pA/Hz
VIH
Input High Voltage
C0 & C1 inputs
2.7
V
VIL
Input Low Voltage
C0 & C1 inputs
0.8
V
IIH1
Input High Current for C1
C1 = 5V
1.5
8
µA
IIH0
Input High Current for C0
C0 = 5V
0.75
4
µA
IIL
Input Low Current for C1or C0
C1 = 0V, C0 = 0V
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com