Electronic Components Datasheet Search
  English  ▼

X  

EL1503CS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL1503CS
Description  High Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1503CS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL1503CS Datasheet HTML 3Page - Renesas Technology Corp EL1503CS Datasheet HTML 4Page - Renesas Technology Corp EL1503CS Datasheet HTML 5Page - Renesas Technology Corp EL1503CS Datasheet HTML 6Page - Renesas Technology Corp EL1503CS Datasheet HTML 7Page - Renesas Technology Corp EL1503CS Datasheet HTML 8Page - Renesas Technology Corp EL1503CS Datasheet HTML 9Page - Renesas Technology Corp EL1503CS Datasheet HTML 10Page - Renesas Technology Corp EL1503CS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
EL1503
FN7038 Rev 0.00
Page 7 of 16
July 17, 2001
FIGURE 13. DRIVER INPUT VOLTAGE and FEEDBACK
CURRENT NOISE vs FREQUENCY
FIGURE 14. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 15. POSITIVE SUPPLY REJECTION vs FREQUENCY
FIGURE 16. NEGATIVE SUPPLY REJECTION vs FREQUENCY
FIGURE 17. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 18. OUTPUT IMPEDANCE vs FREQUENCY
Typical Performance Curves (Continued)
10
FREQUENCY (Hz)
1
10K
100
10
100
10
1
100
100K
1K
iN
eN
10
VS (V)
0
25
412
08
20
5
26
10
15
IS- (FULL POW
ER)
IS+ (2/3 POW
ER)
IS- (2/3 POWER)
IS+ (TERMINA
TE)
IS- (TERMINATE)
IS+ (FULL
POWER)
-40
FREQUENCY (Hz)
-100
10M
0
10K
100K
100M
1M
-20
-60
-80
RIGHT
DRIVER
LEFT
DRIVER
-40
FREQUENCY (Hz)
-100
10M
0
10K
100K
100M
1M
-20
-60
-80
RIGHT
DRIVER
LEFT
DRIVE
LEFT
DRIVER
VS = ±12V, AV=1, RF=1.5K
10
FREQUENCY (Hz)
0
100
100M
10K
1M
1
100K
10M
TERMINATE
2/3 POWER
FULL POWER
VS = ±5V, AV=1, RF=1.5K
10
FREQUENCY (Hz)
0
100
100M
10K
1M
1
100K
10M
TERMINATE
2/3 POWER
FULL POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com