Electronic Components Datasheet Search
  English  ▼

X  

EL1503CS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL1503CS
Description  High Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1503CS Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL1503CS Datasheet HTML 1Page - Renesas Technology Corp EL1503CS Datasheet HTML 2Page - Renesas Technology Corp EL1503CS Datasheet HTML 3Page - Renesas Technology Corp EL1503CS Datasheet HTML 4Page - Renesas Technology Corp EL1503CS Datasheet HTML 5Page - Renesas Technology Corp EL1503CS Datasheet HTML 6Page - Renesas Technology Corp EL1503CS Datasheet HTML 7Page - Renesas Technology Corp EL1503CS Datasheet HTML 8Page - Renesas Technology Corp EL1503CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL1503
FN7038 Rev 0.00
Page 2 of 16
July 17, 2001
s
Pinouts
EL1503
(24-PIN LPP)
TOP VIEW
EL1503
[20-PIN SO (0.300”)]
TOP VIEW
*GND pins are heat spreaders
EL1503
[16-PIN SO (0.150”)]
TOP VIEW
19
18
17
16
15
14
13
1
2
3
4
5
6
7
THERMAL
PAD
NC
NC
VS-
NC
NC
NC
GND
NC
NC
VS+
NC
NC
NC
GND
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
POWER
CONTROL
LOGIC
A
B
VIN-A
VOUTA
VS-
GND*
GND*
GND*
GND*
VIN+A
C1
C0
VIN-B
VS+
GND*
GND*
IADJ
VOUTB
GND*
GND*
VIN+B
NC
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
POWER
CONTROL
LOGIC
VIN-A
VOUTA
VS-
GND*
GND*
VIN+A
C1
C0
VIN-B
VS+
GND*
IADJ
VOUTB
GND*
VIN+B
NC
AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com