Electronic Components Datasheet Search
  English  ▼

X  

EL1503CS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL1503CS
Description  High Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1503CS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL1503CS Datasheet HTML 6Page - Renesas Technology Corp EL1503CS Datasheet HTML 7Page - Renesas Technology Corp EL1503CS Datasheet HTML 8Page - Renesas Technology Corp EL1503CS Datasheet HTML 9Page - Renesas Technology Corp EL1503CS Datasheet HTML 10Page - Renesas Technology Corp EL1503CS Datasheet HTML 11Page - Renesas Technology Corp EL1503CS Datasheet HTML 12Page - Renesas Technology Corp EL1503CS Datasheet HTML 13Page - Renesas Technology Corp EL1503CS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EL1503
FN7038 Rev 0.00
Page 10 of 16
July 17, 2001
FIGURE 31. DIFFERENTIAL BANDWIDTH vs SUPPLY
VOLTAGE
FIGURE 32. DIFFERENTIAL PEAKING vs SUPPLY VOLTAGE
FIGURE 33. IS vs RSET
FIGURE 34. IS vs RSET
FIGURE 35. IS vs ISET
FIGURE 36. IS vs ISET
Typical Performance Curves (Continued)
AV = 10, RF = 1.82k
25
±VS (V)
10
35
5
30
20
2/3 POWER MODE
TERMINATE
MODE
FULL POW
ER MODE
15
6
7
8
9
101112
AV = 10, RF = 1.82k
2.0
±VS (V)
0
3.5
5
3.0
1.5
2.5
2/3 POWER M
ODE
TERMINATE
MODE
FULL POWER MODE
0.5
67
89
10
11
12
1.0
VS = ±12V, RSET to GND
410
RSET (k)
0
6
25
0
20
15
10
5
28
IS+ (2/3 POWER)
IS- (2/3POWER)
IS+ (FULL POWER)
IS+ (TERMINATE)
IS- (FULL POWER)
IS- (TERMINATE)
VS = ±5V, RSET to GND
410
RSET (k)
0
6
25
0
20
15
10
5
28
IS+ (2/3 POWER)
IS- (2/3 POWER)
IS+ (FULL POWER)
IS+ (TERMINATE)
IS- (FULL POWER)
IS- (TERMINATE)
VS = ±12V
10
ISET (µA)
0
25
100
500
0
300
20
5
200
400
15
I S-
(FU
LL
PO
WE
R)
IS+
(2/3
POW
ER)
IS-
(2/3
PO
WE
R)
IS+ (
TERM
INAT
E)
IS- (T
ERM
INAT
E)
I S+
(FU
LL
PO
WE
R)
VS = ±5V
10
ISET (µA)
0
25
100
500
0
300
20
5
200
400
15
I S-
(FU
LL
PO
WE
R)
IS+
(2/3
POW
ER)
IS- (
2/3 P
OW
ER)
IS+ (T
ERMI
NATE
)
IS- (T
ERMI
NATE
)
I S+
(FU
LL
PO
WE
R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com