Electronic Components Datasheet Search
  English  ▼

X  

EL1503CS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # EL1503CS
Description  High Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1503CS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button EL1503CS Datasheet HTML 8Page - Renesas Technology Corp EL1503CS Datasheet HTML 9Page - Renesas Technology Corp EL1503CS Datasheet HTML 10Page - Renesas Technology Corp EL1503CS Datasheet HTML 11Page - Renesas Technology Corp EL1503CS Datasheet HTML 12Page - Renesas Technology Corp EL1503CS Datasheet HTML 13Page - Renesas Technology Corp EL1503CS Datasheet HTML 14Page - Renesas Technology Corp EL1503CS Datasheet HTML 15Page - Renesas Technology Corp EL1503CS Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
FN7038 Rev 0.00
Page 16 of 16
July 17, 2001
EL1503
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2003. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
frequency response (1dB peaking) for different supply
voltages and gains:
Power Control Function
The EL1503 contains two forms of power control operation.
Two digital inputs, C0 and C1, can be used to control the
supply current of the EL1503 drive amplifiers. As the supply
current is reduced, the EL1503 will start to exhibit slightly
higher levels of distortion and the frequency response will be
limited. The 4 power modes of the EL1503 are set up as
shown in the table below:
Another method for controlling the power consumption of the
EL1503 is to connect a resistor from the IADJ pin to ground.
When this pin is grounded (the normal state), the supply
current per channel is as per the specifications table on page
2. When a resistor is inserted, the supply current is scaled
according to the “IS vs RSET” graphs on page 10 in the
Performance Curves section.
Both methods of power control can be used simultaneously.
In this case, positive and negative supply currents (per amp)
are given by the equations below:
TABLE 1. OPTIMUM DRIVER FEEDBACK RESISTOR FOR
VARIOUS GAINS AND SUPPLY VOLTAGES
SUPPLY VOLTAGE
DRIVER VOLTAGE GAIN
2.5
5
10
±5V
2.7K
2.2K
2.0K
±12V
2.2K
2.0K
2.0K
TABLE 2. POWER MODES OF THE EL1503
C1
C0
OPERATION
00
IS Full Power Mode (CO or CP)
0
1
2/3 IS Power Mode (CO or CP)
1
0
1/3 IS Terminate only mode
1
1
Power down
IS+1mA C
 1 23
12.5mA
1
RSET 1k
+
-------------------------------------------
C
 0 13
12.5mA
1
RSET 1k
+
-------------------------------------------
+
+
=
IS-0 C
 1 23
12.5mA
1
RSET 1k
+
-------------------------------------------
C0
13
12.5mA
1
RSET 1k
+
-------------------------------------------
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com