Electronic Components Datasheet Search
  English  ▼

X  

EL1503CS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL1503CS
Description  High Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1503CS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL1503CS Datasheet HTML 4Page - Renesas Technology Corp EL1503CS Datasheet HTML 5Page - Renesas Technology Corp EL1503CS Datasheet HTML 6Page - Renesas Technology Corp EL1503CS Datasheet HTML 7Page - Renesas Technology Corp EL1503CS Datasheet HTML 8Page - Renesas Technology Corp EL1503CS Datasheet HTML 9Page - Renesas Technology Corp EL1503CS Datasheet HTML 10Page - Renesas Technology Corp EL1503CS Datasheet HTML 11Page - Renesas Technology Corp EL1503CS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EL1503
FN7038 Rev 0.00
Page 8 of 16
July 17, 2001
FIGURE 19. DIFFERENTIAL HARMONIC DISTORTION vs
OUTPUT AMPLITUDE
FIGURE 20. DIFFERENTIAL HARMONIC DISTORTION vs
OUTPUT AMPLITUDE
FIGURE 21. DIFFERENTIAL HARMONIC DISTORTION vs
OUTPUT AMPLITUDE
FIGURE 22. DIFFERENTIAL HARMONIC DISTORTION vs
OUTPUT AMPLITUDE
FIGURE 23. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs OUTPUT AMPLITUDE
FIGURE 24. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs OUTPUT AMPLITUDE
Typical Performance Curves (Continued)
-45
-55
-65
-75
-85
1
5
9
13
17
21
VOP-P (V)
VS=±12V, AV=5, RL=100FC=1MHz, FULL POWER
HD3
HD2
-40
-45
-70
-75
-85
12
3
5
7
8
VOP-P (V)
-55
-80
VS=±5V, AV=5, RL=100FC=1MHz, FULL POWER
HD3
HD2
-50
-60
-65
46
VS=±5V, AV=5, RL=100FC=1MHz, 2/3 POWER
-50
-55
-60
-80
-85
1
5
9
13
17
21
VOP-P (V)
HD3
HD2
-65
-70
-75
-40
-50
-60
-70
-80
12
3
5
7
8
VOP-P (V)
VS=±5V, AV=5, RL=100FC=1MHz, 2/3 POWER
HD3
HD2
46
VS=±12V, AV=5, RL=100FC=1MHz
-45
-50
-60
-70
-80
1
5
9
13
17
21
VOP-P (V)
-55
-65
-75
2/3 POWER
FULL POWER
VS=±5V, AV=5, RL=100FC=1MHz
-40
-50
-60
-70
-80
1
2
357
8
VOP-P (V)
46
2/3 POWER
FULL POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com