Electronic Components Datasheet Search
  English  ▼

X  

AD1986BSTZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD1986BSTZ
Description  AC ??7 SoundMAX CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD1986BSTZ Datasheet HTML 31Page - Analog Devices AD1986BSTZ Datasheet HTML 32Page - Analog Devices AD1986BSTZ Datasheet HTML 33Page - Analog Devices AD1986BSTZ Datasheet HTML 34Page - Analog Devices AD1986BSTZ Datasheet HTML 35Page - Analog Devices AD1986BSTZ Datasheet HTML 36Page - Analog Devices AD1986BSTZ Datasheet HTML 37Page - Analog Devices AD1986BSTZ Datasheet HTML 38Page - Analog Devices AD1986BSTZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Preliminary Technical Data
AD1986
Rev. 0 | Page 35 of 52
JACK SENSE (REGISTER 0x72)
All register bits are read/write except for JS0ST and JS1ST, which are read only. Important: Please refer to Table 72 to understand how
JACK_SENSE_A and JACK_SENSE_B codec pins translate to JS1and JS0.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x72
Jack
Sense
JS1
SPRD
JS1
DMX
JS0
DMX
JSMT
2
JSMT
1
JSMT
0
JS1
EQB
JS0
EQB
x
x
JS1
MD
JS0
MD
JS1
ST
JS0
ST
JS1
INT
JS0
INT
0x0000
Table 60.
Register
Function
Indicates JS0 has generated an interrupt. Remains set until the software services JS0 interrupt; i.e., JS0 ISR should clear this
bit by writing a 0 to it.
1. Interrupts are generated by valid state changes of JS pins.
2. Interrupt to the system is actually an OR combination of this bit and JS3 JS0 INT.
3. The interrupt implementation path is selected by the INTS bit (Register 0x74).
4. It is also possible to generate a software system interrupt by writing a 1 to this bit.
JS0INT
Read
Write
0
JS0 did not generate interrupt
No operation
JS0INT
(JS0
Interrupt
Status)
1
JS0 generated interrupt
Clears JS0INT bit
Indicates JS1 has generated an interrupt. Remains set until the software services JS1 interrupt; i.e., JS1 ISR should clear this
bit by writing a 0 to it. See JS0INT description above for additional details.
JS1INT
Read
Write
0
JS1 did not generate interrupt
No operation
JS1INT
(JS1
Interrupt
Status)
1
JS1 generated interrupt
Clears JS1INT
This bit always reports the logic state of JS0.
On MIC jack sensing: depending on the applications circuit, the logic state for jack sense pins can be the opposite of that on
other jacks. Software needs to be aware of this is interpreting the JS event as a plug in our out event.
JS0ST
Function
Default
0
JS0 is low (0)
JS0ST (RO)
(JS0 State
(RO))
1
JS0 is high (1)
This bit always reports the logic state of JS1. MIC jack sensing: depending on the applications circuit, the logic state for JS
pins can be the opposite to the other jacks.
JS1ST
Function
0
JS1 is low (0)
JS1ST (RO)
(JS1 State
(read only))
1
JS is high (1)
This bit selects the operation mode for JS0.
JS0MD
Function
0
Jack sense mode—JS0INT must be polled by software
Default
JS0MD
(JS0 MODE)
1
Interrupt mode—CODEC will generate an interrupt on JS0 event
This bit selects the operation mode for JS1.
JS1MD
Function
0
Jack sense mode—JS1INT must be polled by software
Default
JS1MD
(JS1 MODE)
1
Interrupt mode—CODEC will generate an interrupt on JS1 event
This bit enables JS0 to control the EQ bypass. When this bit is set to 1, JS0 = 1 will cause the EQ to be bypassed.
JS0EQB
Function
0
JS0 does not affect EQ
Default
JS0EQB
(JS0 EQ
Bypass
Enable)
1
JS0 = 1 will cause the EQ to be bypassed
This bit enables JS1 to control the EQ bypass. When this bit is set to 1, JS1=1 will cause the EQ to be bypassed.
JS1EQB
Function
0
JS1 does not affect EQ
Default
JS1EQB
(JS1 EQ
Bypass
Enable)
1
JS1 = 1 will cause the EQ to be bypassed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com