Electronic Components Datasheet Search
  English  ▼

X  

AD1986BSTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD1986BSTZ
Description  AC ??7 SoundMAX CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1986BSTZ Datasheet HTML 4Page - Analog Devices AD1986BSTZ Datasheet HTML 5Page - Analog Devices AD1986BSTZ Datasheet HTML 6Page - Analog Devices AD1986BSTZ Datasheet HTML 7Page - Analog Devices AD1986BSTZ Datasheet HTML 8Page - Analog Devices AD1986BSTZ Datasheet HTML 9Page - Analog Devices AD1986BSTZ Datasheet HTML 10Page - Analog Devices AD1986BSTZ Datasheet HTML 11Page - Analog Devices AD1986BSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AD1986
Rev. 0 | Page 8 of 52
Table 11. Power Supply (Quiescent State)
Parameter
Min
Typ
Max
Unit
Power Supply Range—Analog (AVDD) ±10%
4.5
5.5
V
Power Supply Range—Digital (DVDD) ±10%
2.97
3.63
V
Power Dissipation—Analog (AVDD)/Digital (DVDD)
365/171.6
mW
Analog Supply Current—Analog (AVDD)
73
mA
Digital Supply Current—Digital (DVDD)
52
mA
Power Supply Rejection (100 mV p–p Signal @ 1 kHz)
40
dB
Table 12. Power-Down States—AC ’97 (Quiescent State)
Parameter
Set Bits
DVDDTyp
AVDD Typ
Unit
ADC
PR0
53.0
45.7
mA
FRONT DAC
PR1
53.7
47.7
mA
CENTER DAC
PRI
62.0
53.2
mA
SURROUND DAC
PRJ
53.5
47.1
mA
LFE DAC
PRK
62.0
52.8
mA
ADC + ALL DACs
PR1, PR0, PRI, PRJ, PRK
27.0
14.5
mA
Mixer
PR2
36.6
53.2
mA
ADC + Mixer
PR2, PR0
27.6
45.7
mA
ALL DACs + Mixer
PR2, PR1, PRI, PRJ, PRK
12.6
33.0
mA
ADC + ALL DACs + Mixer
PR2, PR1, PR0, PRI, PRJ, PRK
2.4
14.5
mA
Standby
PR5, PR4, PR3, PR2, PR1(IJK), PR0
0.0
0.05
mA
Headphone Standby
PR6
55.0
53.2
mA
LINE_OUT HP Standby
LOHPEN = 0
62.0
53.2
mA
Table 13. Clock Specifications—AC ’971
Parameter
Min
Typ
Max
Unit
Input Clock Frequency (Reference Clock Mode)
14.31818
48.000
MHz
Recommended Clock Duty Cycle
40
50
60
%
1 Refer to AC ’97, Revision 2.3 specifications for details of clock detection at startup. AD1986 CODEC clock source detection must follow AC ’97, Revision 2.3 guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com