Electronic Components Datasheet Search
  English  ▼

X  

AD1986BSTZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD1986BSTZ
Description  AC ??7 SoundMAX CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1986BSTZ Datasheet HTML 3Page - Analog Devices AD1986BSTZ Datasheet HTML 4Page - Analog Devices AD1986BSTZ Datasheet HTML 5Page - Analog Devices AD1986BSTZ Datasheet HTML 6Page - Analog Devices AD1986BSTZ Datasheet HTML 7Page - Analog Devices AD1986BSTZ Datasheet HTML 8Page - Analog Devices AD1986BSTZ Datasheet HTML 9Page - Analog Devices AD1986BSTZ Datasheet HTML 10Page - Analog Devices AD1986BSTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD1986
Rev. 0 | Page 7 of 52
Table 8. Digital-to-Analog Converters
Parameter
Min
Typ
Max
Unit
Resolution
24
Bits
Total Harmonic Distortion (LINE_OUT Drive)
−92
dB
Total Harmonic Distortion HP_OUT
−75
dB
Dynamic Range (−60 dB Input, THD + N referenced to Full Scale, A-Weighted)
91
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.7
dB
DAC Crosstalk1 (Input L, Zero R, Read R_OUT; Input R, Zero L, Read L_OUT)
−80
dB
1 Guaranteed by design, not production tested.
Table 9. Analog Output
Parameter
Min
Typ
Max
Unit
FULL-SCALE OUTPUT VOLTAGE: SURROUND, CENTER/LFE, MONO_OUT
1
VRMS
2.83
V p-p
Output Impedance1
300
Ω
External Load Impedance1
10
kΩ
Output Capacitance1
15
pF
External Load Capacitance
1,000
pF
FULL-SCALE OUTPUT VOLTAGE: HP_OUT, LINE_OUT
1
VRMS
2.83
V p-p
Output Impedance1
1
Ω
External Load Impedance1
32
Ω
Output Capacitance1
15
pF
External Load Capacitance1
1,000
pF
VREF_FILT, AVDD = 5.0 V
2.050
2.250
2.450
V
AVDD = 3.3 V
1.125
V
VREF_OUT(MIC, C/LFE, LIN) (xVREF [2:0] = 001)
2.250
V
(xVREF [2:0] = 100, AVDD = 5.0 V)
3.700
V
(xVREF [2:0] = 100, AVDD = 3.3 V)
2.250
V
(xVREF [2:0] = 010)
0.0
V
Current Drive
5
mA
Mute Click (Muted Output, Unmuted Midscale DAC Output)
±5
mV
Table 10. Static Digital Specifications—AC ’97
Parameter
Min
Typ
Max
Unit
High Level Input Voltage (VIH), Digital Inputs
0.65 × DVDD
V
Low Level Input Voltage (VIL)
0.35 × DVDD
V
High Level Output Voltage (VOH), IOH = 2 mA
0.90 × DVDD
V
Low Level Output Voltage (VOL), IOL = 2 mA
0.10 × DVDD
V
Input Leakage Current
−10
10
µA
Output Leakage Current
−10
10
µA
Input/Output Pin Capacitance
7.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com