Electronic Components Datasheet Search
  English  ▼

X  

AD1986BSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD1986BSTZ
Description  AC ??7 SoundMAX CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1986BSTZ Datasheet HTML 2Page - Analog Devices AD1986BSTZ Datasheet HTML 3Page - Analog Devices AD1986BSTZ Datasheet HTML 4Page - Analog Devices AD1986BSTZ Datasheet HTML 5Page - Analog Devices AD1986BSTZ Datasheet HTML 6Page - Analog Devices AD1986BSTZ Datasheet HTML 7Page - Analog Devices AD1986BSTZ Datasheet HTML 8Page - Analog Devices AD1986BSTZ Datasheet HTML 9Page - Analog Devices AD1986BSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AD1986
Rev. 0 | Page 6 of 52
Table 5. Analog Mixer—Input Gain/Amplifiers/Attenuators
Parameter
Min
Typ
Max
Unit
Signal-to-Noise Ratio (SNR)
CD to LINE_OUT
90
dB
LINE, AUX, PHONE to LINE_OUT1
88
dB
MIC_1 or MIC_2 to LINE_OUT1
80
dB
Step Size: All Mixer Inputs (Except PC Beep)
−1.5
dB
Step Size: PC Beep
−3.0
dB
Input Gain/Attenuation Range: All Mixer Inputs (+12 dB to −34.5 dB)
−46.5
dB
1 Guaranteed by design, not production tested.
Table 6. Digital Decimation and Interpolation Filters1
Parameter
Min
Typ
Max
Unit
Pass Band
0
0.4 × FS
Hz
Pass Band Ripple
±0.09
dB
Transition Band
0.4 × FS
0.6 × FS
Hz
Stop Band
0.6 × FS
∞
Hz
Stop Band Rejection
−74
dB
Group Delay
16/FS
S
Group Delay Variation Over Pass Band
0
µs
Table 7. Analog-to-Digital Converters
Parameter
Min
Typ
Max
Unit
Resolution
20
Bits
Total Harmonic Distortion (THD)
−95
dB
Dynamic Range (−60 dB Input, THD + N referenced to Full Scale, A-Weighted)
−85
dB
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
−80
dB
LINE_IN to Other Inputs
−100
−80
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error
±5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com