Electronic Components Datasheet Search
  English  ▼

X  

AD1986BSTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD1986BSTZ
Description  AC ??7 SoundMAX CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1986BSTZ Datasheet HTML 6Page - Analog Devices AD1986BSTZ Datasheet HTML 7Page - Analog Devices AD1986BSTZ Datasheet HTML 8Page - Analog Devices AD1986BSTZ Datasheet HTML 9Page - Analog Devices AD1986BSTZ Datasheet HTML 10Page - Analog Devices AD1986BSTZ Datasheet HTML 11Page - Analog Devices AD1986BSTZ Datasheet HTML 12Page - Analog Devices AD1986BSTZ Datasheet HTML 13Page - Analog Devices AD1986BSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD1986
Rev. 0 | Page 10 of 52
tCLK_LOW
tCLK_HIGH
tCLK_PERIOD
tSYNC_LOW
tSYNC_PERIOD
tSYNC_HIGH
BIT_CLK
SYNC
Figure 5. Bit Clock and Sync Timing
Table 17.
Parameter
Min
Typ
Max
Units
Symbol
tSYNC_HIGH
BITCLK High Pulse Width
40.5
41.7
nS
tCLK_LOW
BITCLK Low Pulse Width
39.7
40.6
nS
tCLK_PERIOD
BITCLK Period
81.4
nS
BIT_CLK Frequency
12.288
MHz
BIT_CLK Frequency Accuracy
±1.0
ppm
BIT_CLK Jitter1, 2
750
ps
tSYNC_HIGH
Sync Active (High) Pulse Width
1.3
µS
tSYNC_LOW
Sync Inactive (Low) Pulse Width
19.5
µS
tSYNC_PERIOD
Sync Period
20.8
µS
Sync Frequency
48.0
kHz
1
by design, but not production tested.
r directly dependent on input clock jitter.
Guaranteed
2 Output jitte
BIT_CLK
SYNC
SDATA_IN
SDATA_OUT
BIT_CLK NOT TO SCALE
SLOT 1
SLOT 2
WRITE TO
03 26
DATA
PR4
tS2_PDOWN
Figure 6. Link Low Power Mode Timing
18.
Parameter
Min
Table
Symbol
Typ
Max
Units
tS2_PDOWN
End
ATA_IN Low
of Slot 2 to BIT_CLK, SD
0
1.0
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com