Electronic Components Datasheet Search
  English  ▼

X  

AD1986BSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD1986BSTZ
Description  AC ??7 SoundMAX CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1986BSTZ Datasheet HTML 20Page - Analog Devices AD1986BSTZ Datasheet HTML 21Page - Analog Devices AD1986BSTZ Datasheet HTML 22Page - Analog Devices AD1986BSTZ Datasheet HTML 23Page - Analog Devices AD1986BSTZ Datasheet HTML 24Page - Analog Devices AD1986BSTZ Datasheet HTML 25Page - Analog Devices AD1986BSTZ Datasheet HTML 26Page - Analog Devices AD1986BSTZ Datasheet HTML 27Page - Analog Devices AD1986BSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
AD1986
Preliminary Technical Data
Rev. 0 | Page 24 of 52
OMS [2:0]1
MMIX2
2CMIC3
MS4
Left Channel5
Right Channel
101
0
0
0
MIC_1 + LINE_IN left (mixed)
101
0
0
1
MIC_2 + LINE_IN right (mixed)
101
0
1
0
MIC_1 + LINE_IN left (mixed)
MIC_2 + LINE_IN right (mixed)
101
0
1
1
MIC_2 + LINE_IN right (mixed)
MIC_1 + LINE_IN left (mixed)
101
1
x
x
MIC_1 + MIC_2 + LINE_IN left + LINE right (mixed)
110
0
0
0
LINE_IN left + CENTER (mixed)
110
0
0
1
LINE_IN right + LFE (mixed)
110
0
1
0
LINE_IN left + CENTER (mixed)
LINE_IN right + LFE (mixed)
110
0
1
1
LINE_IN right + LFE (mixed)
LINE_IN left + CENTER (mixed)
110
1
x
x
LINE_IN left + LINE_IN right + CENTER + LFE (mixed)
111
0
0
0
MIC_1 + LINE_IN left + CENTER (mixed)
111
0
0
1
MIC_2 + LINE_IN right + LFE (mixed)
111
0
1
0
MIC_1 + LINE_IN left + CENTER (mixed)
MIC_2 + LINE_IN right + LFE (mixed)
111
0
1
1
MIC_2 + LINE_IN right + LFE (mixed)
MIC_1 + LINE_IN left + CENTER (mixed)
111
1
x
x
MIC_1 + MIC_2 + LINE_IN left + LINE_IN right + CENTER + LFE (mixed)
1 To select the alternate pins as a microphone source, see the OMS [2:0] bit (Register 0x74).
2 To mix the left/right MIC channels see MMIX bit (Register 0x7A).
3 For dual MIC recording see 2CMIC bit (Register 0x76) to enable simultaneous recording into L/R channels.
4 To swap left/right MIC channels, see the MS bit (Register 0x20) for MIC_1/2 selection.
5 The MONO_OUT pin may be connected to the left channel of the microphone selector and is affected by these bits.
ADC VOLUME (REGISTER 0x1C)
This register controls the mute and gain of the ADC record path. The volume register contains four bits, generating 16 volume steps of
1.5 dB each for a range of 0 dB to 22.5 dB.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x1C
ADC Volume
LM
x
x
x
LV3
LV2
LV1
LV0
RM
x
x
x
RV3
RV2
RV1
RV0
0x8080
Table 43.
Register
Function
Controls the left/right channel gains of this input to the analog mixer from 0 dB to 22.5 dB The least significant bit
represents 1.5 dB.
L/RM
L/RV [3:0]
Function
Default
0
0000
0 dB
Default
0
1000
12.0 dB gain
0
1111
22.5 dB gain
L/RV [4:0]
(Left/Right
Volume)
1
xxxx
Muted
L/RM
(Left/Right Mute)
Mutes the left/right channels independently.
Default: muted (0x1)
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com