Electronic Components Datasheet Search
  English  ▼

X  

AD1986BSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD1986BSTZ
Description  AC ??7 SoundMAX CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD1986BSTZ Datasheet HTML 44Page - Analog Devices AD1986BSTZ Datasheet HTML 45Page - Analog Devices AD1986BSTZ Datasheet HTML 46Page - Analog Devices AD1986BSTZ Datasheet HTML 47Page - Analog Devices AD1986BSTZ Datasheet HTML 48Page - Analog Devices AD1986BSTZ Datasheet HTML 49Page - Analog Devices AD1986BSTZ Datasheet HTML 50Page - Analog Devices AD1986BSTZ Datasheet HTML 51Page - Analog Devices AD1986BSTZ Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Preliminary Technical Data
AD1986
Rev. 0 | Page 49 of 52
MICROPHONE SELECTION/MIXING
G
MIC 1
CENTER
LINE IN L
MIC 2
LFE
LINE IN R
G
MIC LEFT
MIC RIGHT
MIC Select: OMS[2:0]
0x74 D10-D08
DEF=000 (MIC 1/2)
000-MIC 1/2
001-Line In
01x-C/LFE
100-MIC+C/LFE
101-MIC+Line In
110-C/LFE+Line In
111-MIC+C/LFE+Line
NID: 0x0F
NID: 0x27
NID: 0x28
NID: 0x29
NID: 0x2A
NID: 0x2B
NID: 0x11
MIC Boost: AC97
M20 0x0E D6 DEF=0
MGB[1:0] 0x76 D[1:0] DEF=00
MGB
M20
[1:0]
Gain
0
xx
0dB
1
00
+20dB
1
01
+10dB
1
10
+30dB
1
11
reserved
Azalia
MGBL[1:0] 0x70 D[1:0]
MGBR[1:0} 0x70 D[14:13]
MGBL/R
[1:0]
Gain
00
0dB
01
+10dB
10
+20dB
11
+30dB
MIC Swap: AC97
MS 0x20 D08 DEF=0
2CMIC 0x76 D06 DEF=0
MMIX 0x7A D02 DEF=0
Azalia
MSWP[2:0] 0x7A D02:00
MMIX
2CMIC
MS
MSWP2 MSWP1
MSWP0 Right
Left
0
0
0
MIC 1
MIC 1
0
0
1
MIC 2
MIC 2
0
1
0
MIC 2
MIC 1
0
1
1
MIC 1
MIC 2
1
x
x
MIC 1+2
MIC 1+2
Figure 10. Microphone Selection/Mixing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com