Electronic Components Datasheet Search
  English  ▼

X  

TMUX6201 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMUX6201
Description  TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6201 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX6201 Datasheet HTML 1Page - Texas Instruments TMUX6201 Datasheet HTML 2Page - Texas Instruments TMUX6201 Datasheet HTML 3Page - Texas Instruments TMUX6201 Datasheet HTML 4Page - Texas Instruments TMUX6201 Datasheet HTML 5Page - Texas Instruments TMUX6201 Datasheet HTML 6Page - Texas Instruments TMUX6201 Datasheet HTML 7Page - Texas Instruments TMUX6201 Datasheet HTML 8Page - Texas Instruments TMUX6201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
6 Pin Configuration and Functions
1
S
8
D
2
NC
7
VSS
3
GND
6
SEL
4
VDD
5
NC
Not to scale
Figure 6-1. DGK Package, 8-Pin VSSOP (Top View)
8
D
1
S
7
VSS
2
NC
6
SEL
3
GND
5
NC
4
VDD
Not to scale
Thermal
Pad
Figure 6-2. RQX Package, 8-Pin WSON (Top View)
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION(2)
NAME
DGK
RQX
S
1
1
I/O
Source pin. Can be an input or output.
NC
2
2
NC
No connection. Not internally connected.
GND
3
3
P
Ground (0 V) reference
VDD
4
4
P
Positive power supply. This pin is the most positive power-supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and
GND.
NC
5
5
NC
No connection. Not internally connected.
SEL
6
6
I
Logic control input, has internal Pull-Down resistor. For information about the switch
connection controls, see Section 9.5.
VSS
7
7
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling
capacitor ranging from 0.1 µF to 10 µF between VSS and GND.
D
8
8
I/O
Drain pin. Can be an input or output.
Thermal Pad
—
The thermal pad is not connected internally. No requirement to solder this pad, if connected it
is recommended that the pad be left floating or tied to GND
(1)
I = input, O = output, I/O = input or output, P = power, NC = no connection.
(2)
For what to do with unused pins, refer to Section 9.4.
TMUX6201, TMUX6202
SCDS450A – NOVEMBER 2022 – REVISED MARCH 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX6201 TMUX6202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com