Electronic Components Datasheet Search
  English  ▼

X  

TMUX6201 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMUX6201
Description  TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6201 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX6201 Datasheet HTML 19Page - Texas Instruments TMUX6201 Datasheet HTML 20Page - Texas Instruments TMUX6201 Datasheet HTML 21Page - Texas Instruments TMUX6201 Datasheet HTML 22Page - Texas Instruments TMUX6201 Datasheet HTML 23Page - Texas Instruments TMUX6201 Datasheet HTML 24Page - Texas Instruments TMUX6201 Datasheet HTML 25Page - Texas Instruments TMUX6201 Datasheet HTML 26Page - Texas Instruments TMUX6201 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
8.7 Charge Injection
The TMUX620x devices have a transmission-gate topology. Any mismatch in capacitance between the NMOS
and PMOS transistors results in a charge injected into the drain or source during the falling or rising edge of the
gate signal. The amount of charge injected into the source or drain of the device is known as charge injection,
and is denoted by the symbol QC. Figure 8-7 shows the setup used to measure charge injection from source
(Sx) to drain (Dx).
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
D
GND
S
SEL
VSEL
VS
VOUT
Output
VD
0 V
3 V
VSEL
QINJ = CL ×
VOUT
tr < 20 ns
tf < 20 ns
CL
Output
Figure 8-7. Charge-Injection Measurement Setup
8.8 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (Dx) of the device when a signal is applied to
the source pin (Sx) of an off-channel. The characteristic impedance, Z0, for the measurement is 50 Ω. Figure 8-8
and Equation 2 shows the setup used to measure off isolation. Use off isolation equation to compute off isolation.
GND
S1
D
VSIG
VOUT
50
50
Network Analyzer
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
VS
Figure 8-8. Off Isolation Measurement Setup
Off−Isolation = 20 × Log  VOUTVS
(2)
www.ti.com
TMUX6201, TMUX6202
SCDS450A – NOVEMBER 2022 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX6201 TMUX6202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com