Electronic Components Datasheet Search
  English  ▼

X  

TMUX6201 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX6201
Description  TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6201 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX6201 Datasheet HTML 1Page - Texas Instruments TMUX6201 Datasheet HTML 2Page - Texas Instruments TMUX6201 Datasheet HTML 3Page - Texas Instruments TMUX6201 Datasheet HTML 4Page - Texas Instruments TMUX6201 Datasheet HTML 5Page - Texas Instruments TMUX6201 Datasheet HTML 6Page - Texas Instruments TMUX6201 Datasheet HTML 7Page - Texas Instruments TMUX6201 Datasheet HTML 8Page - Texas Instruments TMUX6201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
1 Features
• Dual supply range: ±4.5 V to ±18 V
• Single supply range: 4.5 V to 36V
• Low on-resistance: 1.2 Ω
• Low charge injection: −10 pC
• –40°C to +125°C operating temperature
• Integrated Pull-Down resistor on logic pins
• 1.8 V logic compatible
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional signal path
• Break-before-make switching
2 Applications
• Optical networking
• Optical test equipment
• Wired networking
• Factory automation and industrial controls
• Programmable logic controllers (PLC)
• Semiconductor test
• Ultrasound scanners
• Patient monitoring and diagnostics
• Remote radio units
• Data acquisition systems
3 Description
The TMUX620x is a complementary metal-oxide
semiconductor (CMOS) in a single channel, 1:1
(SPST) configuration. The device works with a single
supply (4.5 V to 36 V), dual supplies (±4.5 V to ±18
V), or asymmetric supplies (such as VDD = 12 V, VSS
= –5 V). The TMUX620x supports bidirectional analog
and digital signals on the source (S) and drain (D) pin
ranging from VSS to VDD.
The TMUX620x can be enabled or disabled by
controlling the SEL pin. When disabled, both signal
path switches are off. All logic control inputs support
logic levels from 1.8 V to VDD, which is compatible for
both TTL and CMOS logic when operating in the valid
supply voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before
the supply pin, protecting the device from potential
damage.
Package Information(1)(2)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX6201
TMUX6202
DGK (VSSOP, 8)
3.00 mm × 3.00 mm
RQX (WQFN, 8)
3.00 mm × 2.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
See the Device Comparison Table.
S
D
VDD
VSS
SW
SEL
TMUX6201
(SELx = Logic 1)
S
D
VDD
VSS
SW
SEL
TMUX6202
(SELx = Logic 1)
Block Diagram
TMUX6201, TMUX6202
SCDS450A – NOVEMBER 2022 – REVISED MARCH 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX6201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6208 TI-TMUX6208 Datasheet
861Kb / 23P
TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX6208 TI-TMUX6208 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX6208 TI2-TMUX6208 Datasheet
2Mb / 49P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
REVISED JULY 2024
TMUX6208PWR TI-TMUX6208PWR Datasheet
861Kb / 23P
TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
More results

Similar Description - TMUX6201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX6236 TI-TMUX6236_V01 Datasheet
2Mb / 41P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
REVISED JULY 2022
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX6221 TI-TMUX6221 Datasheet
1Mb / 36P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023
TMUX7612 TI1-TMUX7612 Datasheet
1Mb / 34P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX6221 TI-TMUX6221_V01 Datasheet
1Mb / 35P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com