Electronic Components Datasheet Search
  English  ▼

X  

TMUX6201 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMUX6201
Description  TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6201 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMUX6201 Datasheet HTML 24Page - Texas Instruments TMUX6201 Datasheet HTML 25Page - Texas Instruments TMUX6201 Datasheet HTML 26Page - Texas Instruments TMUX6201 Datasheet HTML 27Page - Texas Instruments TMUX6201 Datasheet HTML 28Page - Texas Instruments TMUX6201 Datasheet HTML 29Page - Texas Instruments TMUX6201 Datasheet HTML 30Page - Texas Instruments TMUX6201 Datasheet HTML 31Page - Texas Instruments TMUX6201 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
9.4 Device Functional Modes
When the SEL pin of the TMUX620x is pulled high, the switches will close. When the SEL pin is pulled low, the
switches will open. The control pins can be as high as 36 V.
The TMUX620x can be operated without any external components except for the supply decoupling capacitors.
The SEL pin has an internal Pull-Down resistor of 4 MΩ. If unused, then the SEL pin must be tied to GND to
make sure the device does not consume additional current as highlighted in Implications of Slow or Floating
CMOS Inputs.
9.5 Truth Tables
Table 9-1 provides the truth tables for the TMUX620x.
Table 9-1. TMUX620x Truth Table
SEL
Selected Source Connected
To Drain (D) – TMUX6201
Selected Source Connected
To Drain (D) – TMUX6202
0
All sources are off (HI-Z)
S
1
S
All sources are off (HI-Z)
TMUX6201, TMUX6202
SCDS450A – NOVEMBER 2022 – REVISED MARCH 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX6201 TMUX6202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com