Electronic Components Datasheet Search
  English  ▼

X  

TMUX6201 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMUX6201
Description  TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6201 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMUX6201 Datasheet HTML 7Page - Texas Instruments TMUX6201 Datasheet HTML 8Page - Texas Instruments TMUX6201 Datasheet HTML 9Page - Texas Instruments TMUX6201 Datasheet HTML 10Page - Texas Instruments TMUX6201 Datasheet HTML 11Page - Texas Instruments TMUX6201 Datasheet HTML 12Page - Texas Instruments TMUX6201 Datasheet HTML 13Page - Texas Instruments TMUX6201 Datasheet HTML 14Page - Texas Instruments TMUX6201 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
7.10 12 V Single Supply: Electrical Characteristics
VDD = +12 V ± 10%, VSS = 0 V, GND = 0 V (unless otherwise noted)
Typical at VDD = +12 V, VSS = 0 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = 0 V to 10 V
ID = –10 mA
25°C
2.1
3.2
Ω
–40°C to +85°C
3.8
Ω
–40°C to +125°C
4.2
Ω
RON FLAT On-resistance flatness
VS = 0 V to 10 V
IS = –10 mA
25°C
0.5
1.2
Ω
–40°C to +85°C
1.4
Ω
–40°C to +125°C
1.6
Ω
RON DRIFT On-resistance drift
VS = 6 V, IS = –10 mA
–40°C to +125°C
0.017
Ω/°C
IS(OFF)
Source off leakage current(1)
VDD = 13.2 V, VSS = 0 V
Switch state is off
VS = 10 V / 1 V
VD = 1 V / 10 V
25°C
–0.4
0.05
0.4
nA
–40°C to +85°C
–3
3
nA
–40°C to +125°C
–25
25
nA
ID(OFF)
Drain off leakage current(1)
VDD = 13.2 V, VSS = 0 V
Switch state is off
VS = 10 V / 1 V
VD = 1 V / 10 V
25°C
–0.4
0.05
0.4
nA
–40°C to +85°C
–3
3
nA
–40°C to +125°C
–25
25
nA
IS(ON)
ID(ON)
Channel on leakage current(2)
VDD = 13.2 V, VSS = 0 V
Switch state is on
VS = VD = 10 V or 1 V
25°C
–0.65
0.05
0.65
nA
–40°C to +85°C
–2
2
nA
–40°C to +125°C
–12
12
nA
LOGIC INPUTS (SEL / EN pins)
VIH
Logic voltage high
–40°C to +125°C
1.3
36
V
VIL
Logic voltage low
–40°C to +125°C
0
0.8
V
IIH
Input leakage current
–40°C to +125°C
0.4
2.2
µA
IIL
Input leakage current
–40°C to +125°C
–0.1 –0.005
µA
CIN
Logic input capacitance
–40°C to +125°C
3.5
pF
POWER SUPPLY
IDD
VDD supply current
VDD = 13.2 V, VSS = 0 V
Logic inputs = 0 V, 5 V, or VDD
25°C
27
35
µA
–40°C to +85°C
40
µA
–40°C to +125°C
45
µA
(1)
When VS is positive, VD is negative, or when VS is negative, VD is positive.
(2)
When VS is at a voltage potential, VD is floating, or when VD is at a voltage potential, VS is floating.
www.ti.com
TMUX6201, TMUX6202
SCDS450A – NOVEMBER 2022 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMUX6201 TMUX6202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com