Electronic Components Datasheet Search
  English  ▼

X  

TMUX6201 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX6201
Description  TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6201 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX6201 Datasheet HTML 2Page - Texas Instruments TMUX6201 Datasheet HTML 3Page - Texas Instruments TMUX6201 Datasheet HTML 4Page - Texas Instruments TMUX6201 Datasheet HTML 5Page - Texas Instruments TMUX6201 Datasheet HTML 6Page - Texas Instruments TMUX6201 Datasheet HTML 7Page - Texas Instruments TMUX6201 Datasheet HTML 8Page - Texas Instruments TMUX6201 Datasheet HTML 9Page - Texas Instruments TMUX6201 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
7.3 Thermal Information
THERMAL METRIC(1)
TMUX620x
UNIT
DGK (VSSOP)
RQX (WQFN)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
152.1
62.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
48.4
54.0
°C/W
RθJB
Junction-to-board thermal resistance
73.2
31.0
°C/W
ΨJT
Junction-to-top characterization parameter
4.1
0.8
°C/W
ΨJB
Junction-to-board characterization parameter
71.8
30.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
23.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD – VSS (1) Power supply voltage differential
4.5
36
V
VDD
Positive power supply voltage
4.5
36
V
VS or VD
Signal path input/output voltage (source or drain pin) (Sx, D)
VSS
VDD
V
VSEL or VEN
Address or enable pin voltage
0
36
V
IS or ID (CONT) Source or drain continuous current (Sx, D)
IDC (2)
mA
TA
Ambient temperature
–40
125
°C
(1)
VDD and VSS can be any value as long as 4.5 V ≤ (VDD – VSS) ≤ 44 V, and the minimum VDD is met.
(2)
Refer to Source or Drain Continuous Current table for IDC specifications.
7.5 Source or Drain Continuous Current
at supply voltage of VDD ± 10%, VSS ± 10 % (unless otherwise noted)
CONTINUOUS CURRENT PER CHANNEL (IDC) (2)
TA = 25°C
TA = 85°C
TA = 125°C
UNIT
PACKAGE
TEST CONDITIONS
DSK (VSSOP)
+36 V Dual Supply(1)
420
260
130
mA
±15 V Dual Supply
420
260
130
mA
+12 V Single Supply
330
210
125
mA
±5 V Dual Supply
300
200
120
mA
RQX (WQFN)
+36 V Single Supply(1)
600
340
150
mA
±15 V Dual Supply
600
340
150
mA
+12 V Single Supply
500
300
145
mA
±5 V Dual Supply
450
265
135
mA
(1)
Specified for nominal supply voltage only.
(2)
Refer to Total power dissipation (Ptot) limits in Absolute Maximum Ratings table that must be followed with max continuous current
specification.
TMUX6201, TMUX6202
SCDS450A – NOVEMBER 2022 – REVISED MARCH 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX6201 TMUX6202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com