Electronic Components Datasheet Search
  English  ▼

X  

TMUX7221 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX7221
Description  TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX7221 Datasheet HTML 2Page - Texas Instruments TMUX7221 Datasheet HTML 3Page - Texas Instruments TMUX7221 Datasheet HTML 4Page - Texas Instruments TMUX7221 Datasheet HTML 5Page - Texas Instruments TMUX7221 Datasheet HTML 6Page - Texas Instruments TMUX7221 Datasheet HTML 7Page - Texas Instruments TMUX7221 Datasheet HTML 8Page - Texas Instruments TMUX7221 Datasheet HTML 9Page - Texas Instruments TMUX7221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
±15 V Dual Supply: Electrical Characteristics
VDD = +15 V ± 10%, VSS = –15 V ±10%, GND = 0 V (unless otherwise noted)
Typical at VDD = +15 V, VSS = –15 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = –10 V to +10 V
ID = –10 mA
25°C
2.1
2.9
Ω
–40°C to +85°C
3.8
Ω
–40°C to +125°C
4.5
Ω
ΔRON
On-resistance mismatch between
channels
VS = –10 V to +10 V
ID = –10 mA
25°C
0.05
0.25
Ω
–40°C to +85°C
0.3
Ω
–40°C to +125°C
0.35
Ω
RON FLAT On-resistance flatness
VS = –10 V to +10 V
IS = –10 mA
25°C
0.5
0.6
Ω
–40°C to +85°C
0.7
Ω
–40°C to +125°C
0.85
Ω
RON DRIFT On-resistance drift
VS = 0 V, IS = –10 mA
–40°C to +125°C
0.01
Ω/°C
IS(OFF)
Source off leakage current(1)
VDD = 16.5 V, VSS = –16.5 V
Switch state is off
VS = +10 V / –10 V
VD = –10 V / + 10 V
25°C
–0.15
0.05
0.15
nA
–40°C to +85°C
–1.6
1.6
nA
–40°C to +125°C
–15
15
nA
ID(OFF)
Drain off leakage current(1)
VDD = 16.5 V, VSS = –16.5 V
Switch state is off
VS = +10 V / –10 V
VD = –10 V / + 10 V
25°C
–0.15
0.05
0.15
nA
–40°C to +85°C
–1.6
1.6
nA
–40°C to +125°C
–15
15
nA
IS(ON)
ID(ON)
Channel on leakage current(2)
VDD = 16.5 V, VSS = –16.5 V
Switch state is on
VS = VD = ±10 V
25°C
–0.15
0.05
0.15
nA
–40°C to +85°C
–1.6
1.6
nA
–40°C to +125°C
–15
15
nA
LOGIC INPUTS (SEL / EN pins)
VIH
Logic voltage high
–40°C to +125°C
1.3
44
V
VIL
Logic voltage low
–40°C to +125°C
0
0.8
V
IIH
Input leakage current
–40°C to +125°C
1.5
2.5
µA
IIL
Input leakage current
–40°C to +125°C
–0.1 –0.005
µA
CIN
Logic input capacitance
–40°C to +125°C
3.5
pF
POWER SUPPLY
IDD
VDD supply current
VDD = 16.5 V, VSS = –16.5 V
Logic inputs = 0 V, 5 V, or VDD
25°C
39
60
µA
–40°C to +85°C
70
µA
–40°C to +125°C
85
µA
ISS
VSS supply current
VDD = 16.5 V, VSS = –16.5 V
Logic inputs = 0 V, 5 V, or VDD
25°C
7
25
µA
–40°C to +85°C
30
µA
–40°C to +125°C
45
µA
(1)
When VS is positive, VD is negative, or when VS is negative, VD is positive.
(2)
When VS is at a voltage potential, VD is floating, or when VD is at a voltage potential, VS is floating.
TMUX7221, TMUX7222
SCDS444 – FEBRUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7221 TMUX7222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com