Electronic Components Datasheet Search
  English  ▼

X  

TMUX7221 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMUX7221
Description  TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7221 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX7221 Datasheet HTML 15Page - Texas Instruments TMUX7221 Datasheet HTML 16Page - Texas Instruments TMUX7221 Datasheet HTML 17Page - Texas Instruments TMUX7221 Datasheet HTML 18Page - Texas Instruments TMUX7221 Datasheet HTML 19Page - Texas Instruments TMUX7221 Datasheet HTML 20Page - Texas Instruments TMUX7221 Datasheet HTML 21Page - Texas Instruments TMUX7221 Datasheet HTML 22Page - Texas Instruments TMUX7221 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
7.9 Crosstalk
Crosstalk is defined as the ratio of the signal at the drain pin (D) of a different channel, when a signal is applied
at the source pin (Sx) of an on-channel. Figure 7-9 shows the setup used to measure, and the equation used to
calculate crosstalk.
GND
S1
S2
Network Analyzer
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
50
D2
VOUT
VSIG
50
50
Vs
50
D1
Crosstalk = 20 × Log
VOUT
VS
Figure 7-9. Crosstalk Measurement Setup
7.10 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3 dB when the input is applied
to the source pin (Sx) of an on-channel, and the output is measured at the drain pin (Dx) of the device. The
characteristic impedance, Z0, for the measurement is 50 Ω. Figure 7-10 shows the setup used to measure
bandwidth.
GND
Sx
Dx
VSIG
VOUT
50Ÿ
50Ÿ
Network Analyzer
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
VS
$=J@SE@PD = 20 × .KC
8176
85
Figure 7-10. Bandwidth Measurement Setup
www.ti.com
TMUX7221, TMUX7222
SCDS444 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX7221 TMUX7222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com