Electronic Components Datasheet Search
  English  ▼

X  

TMUX7221 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX7221
Description  TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7221 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX7221 Datasheet HTML 1Page - Texas Instruments TMUX7221 Datasheet HTML 2Page - Texas Instruments TMUX7221 Datasheet HTML 3Page - Texas Instruments TMUX7221 Datasheet HTML 4Page - Texas Instruments TMUX7221 Datasheet HTML 5Page - Texas Instruments TMUX7221 Datasheet HTML 6Page - Texas Instruments TMUX7221 Datasheet HTML 7Page - Texas Instruments TMUX7221 Datasheet HTML 8Page - Texas Instruments TMUX7221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
5 Pin Configuration and Functions
2
S2
1
S1
10
D1
9
D2
3
N.C.
8
VSS
4
GND
7
SEL2
5
VDD
6
SEL1
Not to scale
Figure 5-1. DGS Package,
10-Pin VSSOP
(Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION(2)
NAME
NO.
S1
1
I/O
Source pin 1. Can be an input or output.
S2
2
I/O
Source pin 2. Can be an input or output.
N.C.
3
—
No internal connection. Can be shorted to GND or left floating.
GND
4
P
Ground (0 V) reference
VDD
5
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation, connect a
decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
SEL1
6
I
Logic control input, has internal pull-down resistor. Controls the switch connection as shown in Section 8.5.
SEL2
7
I
Logic control input, has internal pull-down resistor. Controls the switch connection as shown in Section 8.5.
VSS
8
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply applications, this pin
can be connected to ground. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF
between VSS and GND.
D2
9
I/O
Drain pin 1. Can be an input or output.
D1
10
I/O
Drain pin 2. Can be an input or output.
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
Refer to Section 8.4 for what to do with unused pins.
www.ti.com
TMUX7221, TMUX7222
SCDS444 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX7221 TMUX7222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com