Electronic Components Datasheet Search
  English  ▼

X  

TMUX7221 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMUX7221
Description  TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7221 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX7221 Datasheet HTML 19Page - Texas Instruments TMUX7221 Datasheet HTML 20Page - Texas Instruments TMUX7221 Datasheet HTML 21Page - Texas Instruments TMUX7221 Datasheet HTML 22Page - Texas Instruments TMUX7221 Datasheet HTML 23Page - Texas Instruments TMUX7221 Datasheet HTML 24Page - Texas Instruments TMUX7221 Datasheet HTML 25Page - Texas Instruments TMUX7221 Datasheet HTML 26Page - Texas Instruments TMUX7221 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
8.4 Device Functional Modes
The TMUX722x devices have two independently selectable single-pole, single-throw switches that are turned-on
or turned-off based on the state of the corresponding select pin. The control pins can be as high as 44 V.
The TMUX722x devices can be operated without any external components except for the supply decoupling
capacitors. The SEL pins has internal pull-down resistor of 4 MΩ. If unused, tie the SEL pins to GND so that
the device does not consume additional current as highlighted in Implications of Slow or Floating CMOS Inputs.
Connect unused signal path inputs (S1, S2, D1, or D2) to GND.
8.5 Truth Tables
Table 8-1 provides the truth tables for the TMUX722x.
Table 8-1. TMUX7221 Truth Table
SEL x
CHANNEL x
0
Channel x OFF
1
Channel x ON
Table 8-2. TMUX7222 Truth Table
SEL x
CHANNEL x
0
Channel x ON
1
Channel x OFF
www.ti.com
TMUX7221, TMUX7222
SCDS444 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX7221 TMUX7222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com